Electronic Components Datasheet Search
  English  ▼

X  

SA614A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA614A
Description  Low power FM IF system
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA614A Datasheet(HTML) 2 Page - NXP Semiconductors

  SA614A Datasheet HTML 1Page - NXP Semiconductors SA614A Datasheet HTML 2Page - NXP Semiconductors SA614A Datasheet HTML 3Page - NXP Semiconductors SA614A Datasheet HTML 4Page - NXP Semiconductors SA614A Datasheet HTML 5Page - NXP Semiconductors SA614A Datasheet HTML 6Page - NXP Semiconductors SA614A Datasheet HTML 7Page - NXP Semiconductors SA614A Datasheet HTML 8Page - NXP Semiconductors SA614A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
SA614A
Low power FM IF system
2
1997 Nov 07
853-0594 18663
DESCRIPTION
The SA614A is an improved monolithic low-power FM IF system
incorporating two limiting intermediate frequency amplifiers,
quadrature detector, muting, logarithmic received signal strength
indicator, and voltage regulator. The SA614A features higher IF
bandwidth (25MHz) and temperature compensated RSSI and
limiters permitting higher performance application compared with the
SA604. The SA614A is available in a 16-lead dual-in-line plastic
and 16-lead SO (surface-mounted miniature) package.
FEATURES
• Low power consumption: 3.3mA typical
• Temperature compensated logarithmic Received Signal Strength
Indicator (RSSI) with a dynamic range in excess of 90dB
• Two audio outputs - muted and unmuted
• Low external component count; suitable for crystal/ceramic filters
• Excellent sensitivity: 1.5µV across input pins (0.22µV into 50Ω
matching network) for 12dB SINAD (Signal to Noise and Distortion
ratio) at 455kHz
• SA614A meets cellular radio specifications
PIN CONFIGURATION
D and N Packages
IF AMP DECOUPLING 1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
GND
MUTE INPUT
RSSI OUTPUT
MUTE AUDIO OUTPUT
UNMUTE AUDIO OUTPUT
QUADRATURE INPUT
IF AMP INPUT
IF AMP DECOUPLING
IF AMP OUTPUT
GND
LIMITER INPUT
LIMITER DECOUPLING
LIMITER DECOUPLING
LIMITER
VCC
SR00323
Figure 1. Pin Configuration
APPLICATIONS
• Cellular radio FM IF
• High performance communications receivers
• Intermediate frequency amplification and detection up to 25MHz
• RF level meter
• Spectrum analyzer
• Instrumentation
• FSK and ASK data receivers
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Plastic Dual In-Line Package (DIP)
-40 to +85
°C
SA614AN
SOT38-4
16-Pin Plastic Small Outline (SO) package (Surface-mount)
-40 to +85
°C
SA614AD
SOT109-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com