Electronic Components Datasheet Search
  English  ▼

X  

SFF60P05M Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF60P05M
Description  -60 AMP/-50 Volts 33 mW P-Channel POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF60P05M Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF60P05M Datasheet HTML 1Page - Solid States Devices, Inc SFF60P05M Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Features:
•
Rugged Construction with Poly Silicon Gate
•
Low RDS(on) and High Transconductance
•
Excellent High Temperature Stability
•
Very Fast Switching Speed
•
Fast Recovery and Superior dv/dt Performance
•
Increased Reverse Energy Capability
•
Low Input and Transfer Capacitance for Easy Paralleling
•
Hermetically Sealed
•
TX, TXV, and Space Level Screening Available. Consult
Factory.
•
Replaces RFG60P05E Types
SFF60P05M
SFF60P05Z
-60 AMP/-50 Volts
33 m
Ω
P-Channel
POWER MOSFET
TO-254 (M)
TO-254Z (Z)
Maximum Ratings
Symbol
Value
Units
Drain - Source Voltage
VDS
-50
V
Gate – Source Voltage
VGS
+20
V
Continuous Drain Current
ID
-60
A
Operating & Storage Temperature
TOP & TSTG
-55 to +150
ºC
Thermal Resistance, Junction to Case
ΡθJC
0.8
ºC/W
Total Device Power Dissipation
TC = 25ºC
TC = -55ºC
PD
156
118
Watts
PACKAGE OUTLINE: TO-254 (M)
PIN 1
PIN 3
PIN 2
PACKAGE OUTLINE: TO-254Z (Z)
PIN 1
PIN 2
PIN 3
Available with Glass or Ceramic Seals. Contact Factory for Details.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FP0045D
DOC


Similar Part No. - SFF60P05M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF60P05M SSDI-SFF60P05M Datasheet
88Kb / 3P
P-Channel POWER MOSFET
SFF60P05M SSDI-SFF60P05M_1 Datasheet
88Kb / 3P
P-Channel POWER MOSFET
More results

Similar Description - SFF60P05M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
50N06 UTC-50N06 Datasheet
145Kb / 8P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Solid States Devices, I...
SFF044J SSDI-SFF044J Datasheet
199Kb / 2P
35 AMP 60 Volts 0.035OHM N-Channel POWER MOSFET
SFF054C SSDI-SFF054C Datasheet
214Kb / 2P
35 AMP 60 Volts 0.025OHM N-Channel POWER MOSFET
SFF054-61 SSDI-SFF054-61 Datasheet
231Kb / 2P
35 AMP 60 Volts 0.022OHM N-Channel POWER MOSFET
SFFX054M SSDI-SFFX054M Datasheet
223Kb / 2P
35 AMP 60 VOLTS 0.022ohm N-Channel Power MOSFET
logo
Unisonic Technologies
50N06 UTC-50N06_11 Datasheet
330Kb / 8P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
UFZ44 UTC-UFZ44 Datasheet
212Kb / 7P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06_13 Datasheet
345Kb / 8P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
MTB30P06V ONSEMI-MTB30P06V_V01 Datasheet
241Kb / 9P
Power MOSFET 30 Amps, 60 Volts P-Channel D2PAK
October, 2011 - Rev. 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com