Electronic Components Datasheet Search
  English  ▼

X  

B3605 Datasheet(PDF) 8 Page - EPCOS

Part # B3605
Description  SAW Components Low-loss Filter 70,00 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3605 Datasheet(HTML) 8 Page - EPCOS

  B3605 Datasheet HTML 1Page - EPCOS B3605 Datasheet HTML 2Page - EPCOS B3605 Datasheet HTML 3Page - EPCOS B3605 Datasheet HTML 4Page - EPCOS B3605 Datasheet HTML 5Page - EPCOS B3605 Datasheet HTML 6Page - EPCOS B3605 Datasheet HTML 7Page - EPCOS B3605 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Jul 09, 2003
SAW Components
B3605
70,00 MHz
Low-Loss Filter
Data Sheet
Attachment
1) For a duration < 50 ms source power may be raised to 20 dBm.
2) Pyroelectric pulse amplitude < 50 mV.
3) If external impedances are the same, input port and output port may be reversed
without any changes of the performance.
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW MC IS
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2003. Reproduction, publication and dissemination of this brochure and the informa-
tion contained therein without EPCOS’ prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of
the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic
Manufacturers’ Association), unless otherwise agreed.
This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com