Electronic Components Datasheet Search
  English  ▼

X  

B3607 Datasheet(PDF) 3 Page - EPCOS

Part # B3607
Description  SAW Components Low-loss Filter 140,00 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3607 Datasheet(HTML) 3 Page - EPCOS

  B3607 Datasheet HTML 1Page - EPCOS B3607 Datasheet HTML 2Page - EPCOS B3607 Datasheet HTML 3Page - EPCOS B3607 Datasheet HTML 4Page - EPCOS B3607 Datasheet HTML 5Page - EPCOS B3607 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Nov 29, 2002
SAW Components
B3607
140,00 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T
= 25 ˚C
Terminating source impedance:
ZS =50 Ω and matching circuit
Terminating load impedance:
ZL =50 Ω and matching circuit
Group delay aperture
200 kHz
Matching circuit:
Note: Component values depend upon PCB layout
min.
typ.
max.
Center frequency
fC
139,75
140,00
140,25 MHz
(Center between 6dB points)
Insertion attenuation at fC
α
C
6,0
7,5
dB
Amplitude ripple (p-p)
∆α
137,50 ... 142,50 MHz
0,7
1,0
dB
Phase ripple (p-p)
∆ϕ
137,50 ... 142,50 MHz
5
10
˚
Pass bandwidth
α
rel
1dB
B1dB
5,8
6,1
MHz
α
rel
3dB
B3dB
6,9
7,1
MHz
α
rel ≤ 40
dB
B40dB
10,5
11,1
MHz
Relative attenuation (relative to
α
C)
α
rel
100,00 ... 134,00 MHz
40
47
dB
146,00 ... 180,00 MHz
40
46
dB
Group delay at
fC
τ
C
1,35
µs
Group delay ripple (p-p)
∆τ
137,50 ... 142,50 MHz
80
150
ns
Temperature coefficient of frequency
TCf
– 87
ppm/K
LP1 = 47 nH
LS2 = 27 nH
LS3 = 39 nH
LP4 = 68 nH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com