Electronic Components Datasheet Search
  English  ▼

X  

SFF1310M Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFF1310M
Description  40 AMPS 200 VOLTS 0.050 廓 N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF1310M Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFF1310M Datasheet HTML 1Page - Solid States Devices, Inc SFF1310M Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SFF1310M
SFF1310Z
PRELIMINARY
14830 Valley View Av. * La Mirada, Ca 90670
Phone: (562) 404-7855 * Fax: (562) 404-1773
ELECTRICAL CHARACTERISTICS @ TJ =25
oC (Unless Otherwise Specified)
V
Drain to Source Breakdown Voltage
(VGS =0 V, ID =250
:A)
-
BVDSS
-
RATING
SYMBOL
MIN
TYP
MAX
UNIT
200
S
Drain to Source ON State Resistance
(VGS = 10 V, 60% of Rated ID)
-
-
RDS(on)
0.050
-
-
V
Gate Threshold Voltage
(VDS =VGS, ID = 4mA)
-
VGS(th)
4.0
2.0
S(
É)
Forward Transconductance
(VDS > ID(on) x RDS (on) Max, IDS = 50% rated ID)
25
-
20
:A
Zero Gate Voltage Drain Current
(VGS = 0V)
-
-
IDSS
-
-
Gate to Source Leakage Forward
Gate to Source Leakage Reverse
-
-
IGSS
+100
-100
-
-
At rated VGS
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 10 V
50% rated VDS
50% rated ID
Qg
Qgs
Qgd
-
-
-
190
35
95
220
50
120
nsec
Turn on Delay Time
Rise Time
Turn off DELAY Time
Fall Time
VDD =50%
rated VDS
50% rated ID
RG = 6.2
S
td (on)
tr
td (off)
tf
-
-
-
-
28
38
110
30
35
40
130
35
V
-
VSD
1.50
-
Diode Reverse Recovery Time
Reverse Recovery Charge
-
1.5
trr
QRR
225
-
-
-
TJ =25
oC
IF = 10A
di/dt = 100A/
:sec
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS =0 Volts
VDS =25 Volts
f =1 MHz
Ciss
Coss
Crss
-
-
-
4400
800
285
-
-
-
pF
nsec
:C
A
ON State Drain Current
(VDS > ID(on) x RDS(on) Max, VGS = 10 V)
-
ID(on)
-
50
Diode Forvard Voltage
(IS = rated ID, VGS = 0V, TJ = 25
oC)
nC
nA
250
1000
NOTES:
gfs
VDS = max rated Voltage, TA = 25
oC
VDS = 80% rated VDS, TA = 125
oC
ID = 37.5A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com