Electronic Components Datasheet Search
  English  ▼

X  

SA612 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA612
Description  Double-balanced mixer and oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA612 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA612 Datasheet HTML 2Page - NXP Semiconductors SA612 Datasheet HTML 3Page - NXP Semiconductors SA612 Datasheet HTML 4Page - NXP Semiconductors SA612 Datasheet HTML 5Page - NXP Semiconductors SA612 Datasheet HTML 6Page - NXP Semiconductors SA612 Datasheet HTML 7Page - NXP Semiconductors SA612 Datasheet HTML 8Page - NXP Semiconductors SA612 Datasheet HTML 9Page - NXP Semiconductors SA612 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
SA612A
Double-balanced mixer and oscillator
1997 Nov 07
6
612A
4
5
612A
4
5
612A
4
5
612A
4
5
a. Single-Ended Ceramic Filter
b. Single-Ended Crystal Filter
c. Single-Ended IFT
d.. Balanced Output
CFU455
or Equivalent
12pF
CT*
*CT matches 3.5kΩ to next stage
Filter K&L 38780 or Equivalent
SR00104
Figure 6. Output Configuration
612A
4
5
a. Colpitts Crystal Oscillator
(Overtone Mode)
b. Colpitts L/C Tank Oscillator
c. Hartley L/C Tank Oscillator
3
6
2
7
1
8
612A
4
5
3
6
2
7
1
8
612A
4
5
3
6
2
7
1
8
TC02101S
TC02111S
TC02121S
XTAL
L1
C1
C2
C3
SR00105
Figure 7. Oscillator Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com