Electronic Components Datasheet Search
  English  ▼

X  

SA616 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SA616
Description  Low-voltage high performance mixer FM IF system
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA616 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SA616 Datasheet HTML 9Page - NXP Semiconductors SA616 Datasheet HTML 10Page - NXP Semiconductors SA616 Datasheet HTML 11Page - NXP Semiconductors SA616 Datasheet HTML 12Page - NXP Semiconductors SA616 Datasheet HTML 13Page - NXP Semiconductors SA616 Datasheet HTML 14Page - NXP Semiconductors SA616 Datasheet HTML 15Page - NXP Semiconductors SA616 Datasheet HTML 16Page - NXP Semiconductors SA616 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Philips Semiconductors
Product specification
SA616
Low-voltage high performance mixer FM IF system
1997 Nov 07
14
300
–55
–35
–15
5
25
45
65
85
105
125
VCC = 2.7V
VCC = 3V
VCC = 5V
VCC = 7V
250
200
150
100
50
0
V
°C
SR00383
Figure 17. Audio Output vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com