Electronic Components Datasheet Search
  English  ▼

X  

B3665 Datasheet(PDF) 3 Page - EPCOS

Part # B3665
Description  SAW Components Low-loss Filter 380,00 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3665 Datasheet(HTML) 3 Page - EPCOS

  B3665 Datasheet HTML 1Page - EPCOS B3665 Datasheet HTML 2Page - EPCOS B3665 Datasheet HTML 3Page - EPCOS B3665 Datasheet HTML 4Page - EPCOS B3665 Datasheet HTML 5Page - EPCOS B3665 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jan 08, 2001
SAW Components
B3665
380,00 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
TA = -10 ... +85 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
Group delay aperture:
50 kHz
2) Temperature dependance of f
c:
fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Nominal frequency
fN
—
380,00
—
MHz
Minimum insertion attenuation
α
min
15,0
16,0
17,0
dB
(including matching network)
Passband width
α
rel ≤ 1 dB
B1dB
4,2
4,5
—
MHz
α
rel ≤ 3 dB
B3dB
5,0
5,2
—
MHz
α
rel ≤ 10 dB
B10dB
—
6,3
6,5
MHz
α
rel ≤ 30 dB
B30dB
—
7,8
8,0
MHz
Amplitude ripple (p-p)
∆α
fN ± 2,05 MHz
—
0,6
1,0
dB
Phase ripple (p-p)
∆ϕ
fN ± 2,05 MHz
—
2,5
4
˚
Group delay ripple (p-p)
∆τ
fN ± 2,05 MHz
—
50
100
ns
Absolute group delay
τ
mean value within
fN ± 2,05 MHz at 25 ˚C 1)
1) At other temperatures the variation from filter to filter is also restricted to +/- 5 ns.
938
943
948
ns
Relative attenuation (relative to
α
min)
α
rel
346 MHz ... 350 MHz
50
60
—
dB
362 MHz ... 366 MHz
55
60
—
dB
fN ± 3,5 MHz ... fN ± 4,5 MHz
10
15
—
dB
fN ± 4,5 MHz ... fN ± 5,5 MHz
30
35
—
dB
fN ± 5,5 MHz ... fN ± 50,00 MHz
40
45
—
dB
Temperature coefficient of frequency2)
TCf
—
– 0,036
—
ppm/K2
Turnover temperature
T0
—25—
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com