Electronic Components Datasheet Search
  English  ▼

X  

B3668 Datasheet(PDF) 2 Page - EPCOS

Part # B3668
Description  SAW Components Low-loss Filter 1950 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3668 Datasheet(HTML) 2 Page - EPCOS

  B3668 Datasheet HTML 1Page - EPCOS B3668 Datasheet HTML 2Page - EPCOS B3668 Datasheet HTML 3Page - EPCOS B3668 Datasheet HTML 4Page - EPCOS B3668 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Jun 14, 2006
SAW Components
B3668
1950 MHz
Low-Loss Filter
Data Sheet
SMD ceramic package DCC6C
Dimensions in mm, approx. weight 0,037 g
Pin configuration
2
Input
1, 3
Input ground
5
Output
4, 6
Output ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3668
B39202-B3668-U410
C61157-A7-A67
F61074-V8168-Z000
Maximum ratings
Operable temperature range T
-40 / +85
˚C
Storage temperature range
Tstg
-40 / +85
˚C
DC voltage
VDC
0V
ESD voltage
VESD
501)
V
Machine Model, 10 pulses
Input power max.
2080,0 ... 2170,0 MHz
PIN
12
dBm
continuous wave, 85 ˚C
PIN
15
dBm
continuous wave, 55 ˚C
1) acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses.
Features
q
Low-loss RF filter for UMTS system
q
Usable passband 60 MHz
q
No matching network required for operation at 50
Ω
q
Ceramic Package for Surface Mounted
Technology (SMT)
q
RoHS Compliant
Terminals
q
Ni, gold-plated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com