Electronic Components Datasheet Search
  English  ▼

X  

SFF75N08Z Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF75N08Z
Description  55 AMP (note 1) /75 Volts 8.5 mO N-Channel Trench Gate MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF75N08Z Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF75N08Z Datasheet HTML 1Page - Solid States Devices, Inc SFF75N08Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
TO-254 and TO-254Z
Note 1: maximum current limited by package
configuration
SFF75N08M
SFF75N08Z
55 AMP (note 1) /75 Volts
8.5 mO
N-Channel Trench Gate MOSFET
Features:
•
Trench gate technology for high cell density
•
Lowest ON-resistance in the industry
•
Enhanced operating temperature range
•
Hermetically Sealed, Isolated Package
•
Low Total Gate Charge
•
Fast Switching
•
Enhanced replacement for IRF7MS2907
•
TX, TXV, S-Level screening available
•
Improved (RDS(ON) QG) figure of merit
Maximum Ratings
Symbol
Value
Units
Drain - Source Voltage
VDSS
75
V
Gate – Source Voltage
VGS
±20
V
Max. Continuous Drain Current (package limited)
@ TC = 25ºC
@ TC = 125ºC
ID1
ID2
55 (note 1)
55 (note 1)
A
Max. Instantaneous Drain Current (Tj limited)
@ TC = 25ºC
@ TC = 125ºC
ID3
ID4
175
75
A
Max. Avalanche current
@ L= 0.1 mH
IAR
75
A
Repetitive Avalanche Energy
@ L= 0.1 mH
EAR
280
mJ
Total Power Dissipation
@ TC = 25ºC
PD
210
W
Operating & Storage Temperature
TOP & TSTG
-55 to +175
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
0.7
(typ 0.55)
ºC/W
TO-254 (M)
PIN 1
PIN 3
PIN 2
TO-254Z (Z)
PIN 3
PIN 2
PIN 1
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0021A
DOC


Similar Part No. - SFF75N08Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF75N05M SSDI-SFF75N05M Datasheet
53Kb / 2P
75 AMP 50 VOLTS 15mohm N-Channel Power MOSFET
SFF75N05Z SSDI-SFF75N05Z Datasheet
53Kb / 2P
75 AMP 50 VOLTS 15mohm N-Channel Power MOSFET
SFF75N06-28 SSDI-SFF75N06-28 Datasheet
267Kb / 2P
30 AMP 60 VOLTS 25m廓 N-CHANNEL POWER MOSFET
SFF75N06M SSDI-SFF75N06M Datasheet
52Kb / 2P
75 AMP 60 VOLTS 15m OHM N-Channel Power MOSFET
SFF75N06Z SSDI-SFF75N06Z Datasheet
52Kb / 2P
75 AMP 60 VOLTS 15m OHM N-Channel Power MOSFET
More results

Similar Description - SFF75N08Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF75N10N SSDI-SFF75N10N Datasheet
230Kb / 2P
75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
SFF75N10B SSDI-SFF75N10B Datasheet
202Kb / 2P
75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
SFF75N10-3 SSDI-SFF75N10-3 Datasheet
215Kb / 2P
75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
SFF75N05M SSDI-SFF75N05M Datasheet
53Kb / 2P
75 AMP 50 VOLTS 15mohm N-Channel Power MOSFET
SFF75N06M SSDI-SFF75N06M Datasheet
52Kb / 2P
75 AMP 60 VOLTS 15m OHM N-Channel Power MOSFET
SFF35N20M SSDI-SFF35N20M Datasheet
43Kb / 2P
55 AMP (note 1) /200 Volts 35 mO N-Channel Trench Gate MOSFET
SFF80N10M SSDI-SFF80N10M Datasheet
47Kb / 2P
55 AMP (note 1) /100 Volts 12 mO N-Channel Trench Gate MOSFET
SFF85N06M SSDI-SFF85N06M Datasheet
43Kb / 2P
55 AMP (note 1) /60 Volts 7 mO N-Channel Trench Gate MOSFET
logo
NXP Semiconductors
BSH111BK PHILIPS-BSH111BK_15 Datasheet
289Kb / 16P
55 V, N-channel Trench MOSFET
26 November 2014
logo
Nexperia B.V. All right...
BSH111BK NEXPERIA-BSH111BK Datasheet
742Kb / 16P
55 V, N-channel Trench MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com