Electronic Components Datasheet Search
  English  ▼

X  

SVR117AHV Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SVR117AHV
Description  1.5 Amp / 60 Volts POSITIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR117AHV Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SVR117AHV Datasheet HTML 1Page - Solid States Devices, Inc SVR117AHV Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SVR117AHV SERIES
NOTES:
*
Full Temperature Range
1/
For Ordering Information, Price, and Availability Contact Factory.
2/
Screening per MIL-STD-883.
3/
For Package Outline and Lead Bend Dimensions Consult Factory.
4/
Unless otherwise specified, these specifications apply:
ªV = 5V
and IOUT = 0.5A. Power dissipations is internally limited.
However, these specifications apply for power dissipation up to
20W, IMAX = 1.5A.
5/
Testing is done using a pulsed low duty cycle technique.
Electrical Characteristics 4/
SYMBOL
UNITS
MAX
Reference Voltage
Line Regulation 5/
(3V <
∆V < 60V)
Load Regulation 5/
(10mA < IOUT < IMAX)
Thermal Regulation
Ripple Rejection
VOUT = 10V, f = 120Hz
Adjust Pin Current
Adjust Pin Current Change
10mA < IOUT < IMAX , 2.5V < ∆V < 60V
Minimum Load Current
Temperature Stability
Long Term Stability
RMS Output Noice (% of VOUT)
Thermal Resistance
Junction to Case
1.262
1.270
0.010
0.02
15
0.3
50
1.0
.02
--
--
100
5
7.0
2
1.0
--
4.0
2.5
V
V
%/V
%/V
mV
%
mV
%
%/W
dB
dB
µµµµµA
µµµµµA
mA
%
%
%
oC/W
oC/W
VREF
∆∆∆∆∆VOUT
∆∆∆∆∆VIN
∆∆∆∆∆VOUT
∆∆∆∆∆IOUT
IADJ
∆∆∆∆∆IADJ
∆∆∆∆∆VOUT
∆∆∆∆∆T
∆∆∆∆∆VOUT
∆∆∆∆∆Vtime
en
RΘ
Θ
Θ
Θ
ΘJC
MIN
1.238
1.225
--
--
--
--
--
--
--
-
66
--
--
--
--
--
--
--
--
TYP
1.250
1.250
0.005
0.01
5
0.1
20
0.3
.002
65
80
50
0.2
3.5
1
0.3
0.001
--
--
IOUT = 10mA
10mA < IOUT < IMAX, 3V < ∆V < 60V, P<PMAX
VOUT < 5V
VOUT > 5V
VOUT < 5V
VOUT > 5V
20 msec Pulse
CADJ = 0µF
CADJ = 10µF
∆V < 60V
-55oC < TJ < +150
oC
10 Hz < f < 10 kHz
Packages M, Z, and J
Package E
to
25
*
25
*
25
25
*
*
25
25
25
*
*
*
*
125
25
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com