Electronic Components Datasheet Search
  English  ▼

X  

SVR117A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SVR117A
Description  1.5 Amp / 40 Volts POSITIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR117A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SVR117A Datasheet HTML 1Page - Solid States Devices, Inc SVR117A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES, INC.
SVR117A SERIES
FEATURES:
• Guaranteed 1% Output Voltage Tolerance
• Guaranteed 0.01% Line Regulation
• Guaranteed 0.3% Load Regulation
• Min 1.5A Output Current
• Eutectic Die Attach
• Superior to LM117 Types
• Complimentary use with LM137 Types
• Isolated Hermetically Sealed Power Package
• 150oC Operating Temperature
• Custom Lead Forming Available
• Class H or K (Space) Screening Available
Designer's Data Sheet
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
LA0005C
DATA SHEET #:
1.5 Amp / 40 Volts
POSITIVE ADJUSTABLE
LINEAR VOLTAGE REGULATOR
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
40
V
ªVIN/OUT
Input to Output Voltage Differential
PD
Internally Limited, 20
SVR117A M DB H
Part Number /Ordering Information 1/
Screening 2/:
(None) = Not Screened
H = High Rel Level
K = Space Level
Lead Bend: 3/
(None) = Straight
DB = Down Bend
UB = Up Bend
Package: 3/
M = TO-254
Z = TO-254Z
J = TO-257
E = MilPack I
TO-254Z (Z):
MilPack I (E):
Power Dissipation 4/
oC
-65 TO +150
TSTG
Storage Temperature
oC
-55 TO +150
TJ
Operating Junction Temperature
TO-254 (M):
W
1.5
A
IOUT
Maximum Current Load
PIN ASSIGNMENT
PIN 2
PIN 3
Input
PIN 1
FUNCTION
Output
Adjust
Voltage Regulator
TO-257 (J):
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com


Similar Part No. - SVR117A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVR117A SSDI-SVR117A Datasheet
158Kb / 3P
Positive Adjustable Linear Voltage Regulator
SVR117AG SSDI-SVR117AG Datasheet
158Kb / 3P
1.5 AMP Positive Adjustable Linear Voltage Regulator 40 Volts
SVR117AHV SSDI-SVR117AHV Datasheet
47Kb / 2P
1.5 Amp / 60 Volts POSITIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR117AHVE SSDI-SVR117AHVE Datasheet
48Kb / 2P
1.5 Amp / 60 Volts POSITIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR117A SSDI-SVR117A_1 Datasheet
158Kb / 3P
Positive Adjustable Linear Voltage Regulator
More results

Similar Description - SVR117A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526050 SENSITRON-SHD526050 Datasheet
43Kb / 2P
POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Solid States Devices, I...
SVR117AHV SSDI-SVR117AHV Datasheet
47Kb / 2P
1.5 Amp / 60 Volts POSITIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR137KM SSDI-SVR137KM Datasheet
183Kb / 2P
-1.5 Amp -40 Volts NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR137A SSDI-SVR137A Datasheet
158Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
logo
Sensitron
OM1321ST SENSITRON-OM1321ST Datasheet
70Kb / 3P
POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Solid States Devices, I...
SVR117AG SSDI-SVR117AG Datasheet
158Kb / 3P
1.5 AMP Positive Adjustable Linear Voltage Regulator 40 Volts
SVR117AHVE SSDI-SVR117AHVE Datasheet
48Kb / 2P
1.5 Amp / 60 Volts POSITIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR137G SSDI-SVR137G Datasheet
189Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137Z SSDI-SVR137Z Datasheet
189Kb / 3P
1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com