Electronic Components Datasheet Search
  English  ▼

X  

B3669 Datasheet(PDF) 3 Page - EPCOS

Part # B3669
Description  SAW Components Low-Loss Filter 2140 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3669 Datasheet(HTML) 3 Page - EPCOS

  B3669 Datasheet HTML 1Page - EPCOS B3669 Datasheet HTML 2Page - EPCOS B3669 Datasheet HTML 3Page - EPCOS B3669 Datasheet HTML 4Page - EPCOS B3669 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Oct 10, 2005
SAW Components
B3669
2140 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA =
-30 ... +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL
=50
Ω
min.
typ.
max.
Nominal frequency
fN
—
2140,0
—
MHz
Maximum insertion attenuation
α
max
2110,0 ... 2170,0 MHz
—
3,0
3,5
dB
Amplitude ripple (p-p)
∆α
2110,0 ... 2170,0 MHz
—
1,0
1,5
dB
Return loss
2110,0 ... 2170,0 MHz
9,0
11,0
—
dB
Attenuation
α
50,0 ... 1400,0 MHz
22,0
27,0
—
dB
1400,0 ... 1910,0 MHz
25,0
28,0
—
dB
1910,0 ... 1980,0 MHz
30,0
38,0
—
dB
2300,0 ... 3700,0 MHz
25,0
30,0
—
dB
3700,0 ... 5300,0 MHz
20,0
25,0
—
dB
5300,0 ... 5700,0 MHz
15,0
18,0
—
dB
Temperature coefficient of frequency
TCf
—
-35
—
ppm/K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com