Electronic Components Datasheet Search
  English  ▼

X  

SPMR451-01 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPMR451-01
Description  180 AMPS/600 VOLTS 5 CELLS SRM POWER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPMR451-01 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPMR451-01 Datasheet HTML 1Page - Solid States Devices, Inc SPMR451-01 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
PRELIMINARY
UNITS
MIN
MAX
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
ELECTRICAL CHARACTERISTICS @ TJ =25
oC, per Cell (Unless Otherwise Specified)
Instantaneous Forward Voltage
Drop
PARAMETER
SYMBOL
MIN
MAX
UNIT
Reverse Leakage
IR1
IR2
(VR = 600V, TB = 25
oC)
(VR = 600V, TB = 100
oC)
100
1000
:Amps
SPMR451-01
-
-
Insulation Resistance (All terminals to Base @1000V)
RINSUL1
1-
G
S
Insulation Resistance (Between Cells @1000V)
RINSUL2
1-
G
S
(IF = 180A,TB = 25
oC)
(IF = 180A, TB = -55
oC)
VF1
VF2
2.5
2.8
Volts
-
-
Resistance of Series Resistors
RSER
215
225
k
S
Resistance of Monitor Resistors
RMON
4.4
4.6
k
S
Tolerances
(Unless specified):
.XX
.XXX
".03
".010
PACKAGE OUTLINE: ASPM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com