Electronic Components Datasheet Search
  English  ▼

X  

B3682 Datasheet(PDF) 3 Page - EPCOS

Part # B3682
Description  SAW Components Low-Loss Filter 427,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3682 Datasheet(HTML) 3 Page - EPCOS

  B3682 Datasheet HTML 1Page - EPCOS B3682 Datasheet HTML 2Page - EPCOS B3682 Datasheet HTML 3Page - EPCOS B3682 Datasheet HTML 4Page - EPCOS B3682 Datasheet HTML 5Page - EPCOS B3682 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jul 05, 2000
SAW Components
B3682
427,5 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = +15 ... +35 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
—
427,5
—
MHz
Maximum insertion attenuation
α
max
425,0 MHz ... 430,0 MHz
—
3,0
3,5
dB
Amplitude ripple (p-p)
∆α
425,0 MHz ... 430,0 MHz
—
0,6
1,2
dB
Return loss (Input and Output)
425,0 MHz ... 430,0 MHz
11,0
13,5
—
dB
VSWR
425,0 MHz ... 430,0 MHz
—
1,5:1
2,0:1
Absolute attenuation
α
abs
0,3 MHz ... 340,0 MHz
40
60
—
dB
340,0 MHz ... 415,0 MHz
25
45
—
dB
415,0 MHz ... 420,0 MHz
25
33
—
dB
447,0 MHz ... 515,0 MHz
20
45
—
dB
515,0 MHz ... 1105,0 MHz
40
45
—
dB
1105,0 MHz ... 1800,0 MHz
20
25
—
dB
Temperature coefficient of frequency
TCf
—
– 36
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com