Electronic Components Datasheet Search
  English  ▼

X  

B3683 Datasheet(PDF) 4 Page - EPCOS

Part # B3683
Description  SAW Components Low-Loss Filter 382,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3683 Datasheet(HTML) 4 Page - EPCOS

  B3683 Datasheet HTML 1Page - EPCOS B3683 Datasheet HTML 2Page - EPCOS B3683 Datasheet HTML 3Page - EPCOS B3683 Datasheet HTML 4Page - EPCOS B3683 Datasheet HTML 5Page - EPCOS B3683 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Mar 30, 2001
SAW Components
B3683
382,5 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = -25 ... +75 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
—
382,5
—
MHz
Maximum insertion attenuation
α
max
380,0 MHz ... 385,0 MHz
—
3,5
4,0
dB
Amplitude ripple (p-p)
∆α
380,0 MHz ... 385,0 MHz
—
1,1
2,0
dB
Return loss (Input and Output)
380,0 MHz ... 385,0 MHz
11,0
12,5
—
dB
Group delay
τ
380,0 MHz ... 385,0 MHz
—
140
180
ns
Deviation from lin. phase (in 1 MHz bandwidth)
∆ϕ
380,0 MHz ... 385,0 MHz
—
1,1
5
˚
Temperature coefficient of frequency
TCf
—
– 36
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com