Electronic Components Datasheet Search
  English  ▼

X  

B3688 Datasheet(PDF) 2 Page - EPCOS

Part # B3688
Description  SAW Components Low-Loss Filter 499,25 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3688 Datasheet(HTML) 2 Page - EPCOS

  B3688 Datasheet HTML 1Page - EPCOS B3688 Datasheet HTML 2Page - EPCOS B3688 Datasheet HTML 3Page - EPCOS B3688 Datasheet HTML 4Page - EPCOS B3688 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Jan 29, 2003
SAW Components
B3688
499,25 MHz
Low-Loss Filter
Data Sheet
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
000
000
000
000
111
111
111
111
00
00
00
00
11
11
11
11
000
000
000
000
111
111
111
111
000
000
000
000
111
111
111
111
000
000
000
000
000
000
111
111
111
111
111
111
000
000
000
000
000
111
111
111
111
111
00
00
00
00
00
11
11
11
11
11
00
00
00
00
00
11
11
11
11
11
side view
7,0
top view
2,54
2
8
0,6
3
1
7
bottom view
9
Ceramic package QCC12C
Features
q
Low-loss filter
q
Temperature stable
q
Package for Surface Mounted Technology
(SMT)
q
Hermetically sealed ceramic package
Terminals
q
Gold-plated
Dimensions in mm, approx. weight 0,2 g
Pin configuration
10
Input
12
Input ground or bal. input
4
Output
6
Output ground or bal. output
3, 9
Case - ground
1, 2, 7, 8
To be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3688
B39501-B3688-H310
C61157-A7-A95
F61074-V8170-Z000
Maximum ratings
Operable temperature range
T
– 45/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm
source impedance 50
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com