Electronic Components Datasheet Search
  English  ▼

X  

XRT75R12IB Datasheet(PDF) 29 Page - Exar Corporation

Part # XRT75R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12IB Datasheet(HTML) 29 Page - Exar Corporation

Back Button XRT75R12IB Datasheet HTML 25Page - Exar Corporation XRT75R12IB Datasheet HTML 26Page - Exar Corporation XRT75R12IB Datasheet HTML 27Page - Exar Corporation XRT75R12IB Datasheet HTML 28Page - Exar Corporation XRT75R12IB Datasheet HTML 29Page - Exar Corporation XRT75R12IB Datasheet HTML 30Page - Exar Corporation XRT75R12IB Datasheet HTML 31Page - Exar Corporation XRT75R12IB Datasheet HTML 32Page - Exar Corporation XRT75R12IB Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
XRT75R12
26
REV. 1.0.3
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
3.6
B3ZS/HDB3 Decoder
The decoder block takes the output from the clock and data recovery block and decodes the B3ZS (for DS3 or
STS-1) or HDB3 (for E3) encoded line signal and detects any coding errors or excessive zeros in the data
stream.
Whenever the input signal violates the B3ZS or HDB3 coding sequence for bipolar violation or
contains three (for B3ZS) or four (for HDB3) or more consecutive zeros, an active “High” pulse is generated on
the RLCV_n output pins to indicate line code violation.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
RxClk
Duty Cycle
45
50
55
%
RxClk Frequency
E3
DS-3
STS-1
34.368
44.736
51.84
MHz
MHz
MHz
tRRX
RxClk rise time (10% o 90%)
2
4
ns
tFRX
RxClk falling time (10% to 90%)
2
4
ns
tCO
RxClk to RPOS/RNEG delay time
4
ns
tLCVO
RxClk to rising edge of LCV output delay
2.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com