Electronic Components Datasheet Search
  English  ▼

X  

ST78C36 Datasheet(PDF) 5 Page - Exar Corporation

Part # ST78C36
Description  ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C36 Datasheet(HTML) 5 Page - Exar Corporation

  ST78C36 Datasheet HTML 1Page - Exar Corporation ST78C36 Datasheet HTML 2Page - Exar Corporation ST78C36 Datasheet HTML 3Page - Exar Corporation ST78C36 Datasheet HTML 4Page - Exar Corporation ST78C36 Datasheet HTML 5Page - Exar Corporation ST78C36 Datasheet HTML 6Page - Exar Corporation ST78C36 Datasheet HTML 7Page - Exar Corporation ST78C36 Datasheet HTML 8Page - Exar Corporation ST78C36 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
xr
ST78C36/36A
REV. 5.0.2
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
5
1.0 OVERVIEW
This device is designed around the Hewlett Packard/Microsoft specification for Extended Capabilities Port
Protocol with “ECR mode 100” defined as Enhanced Parallel Port (EPP) mode. The internal timing engines
were designed around a 24 MHz reference, which can be supplied from an external source or by the built-in
oscillator circuit (ST78C36ACJ and ST78C36CQ64 only) with an appropriate crystal.
At system RESET, the device defaults to standard IBM PC compatible Centronics printer mode (output only).
The bi-directional PS/2, EPP, and ECP modes can only be activated by programming the ECR mode field (this
requires address bit A10 = 1, which is outside the normal ISA I/O space).
Optional capabilities of the ECP specification are set as follows:
■ ECP defined interrupts are pulsed, LOW true (Centronics -ACK is non-pulsed, LOW true).
■ PWord size is forced to 1 byte.
■ There is 1 byte in the transmitter that does not affect the FIFO full bit (ECP modes).
■ RLE compression is not supported in hardware.
■ IRQ channel is selectable as 5, 7, or 9 (ST78C36CQ64 only).
■ DMA channel is selectable as 1, 2, or 3 (ST78C36CQ64 only).
■ FIFO THRESHOLD is set at 8 (used only for non-DMA access to the FIFO).
VCC
44
16, 56
Pwr
Power Supply (+5V).
GND
23,30
15, 25,
37, 48,
64
Pwr
Supply Ground.
PORT
ADDRESS
R/W
MODE
FUNCTION
DATA
000
R/W
000, 001
Data Register
ECP-AFIFO
000
W
011
ECP FIFO (Address)
DSR
001
R
All
Status Register
DCR
002
R/W
All
Control Register
EPP-APort
003
R/W
100
EPP Port (Address)
EPP-DPort
004 - 007
R/W
100
EPP Port (Data)
C-FIFO
400
W
010
Parallel Port Data FIFO
ECP-DFIFO
400
R/W
011
ECP FIFO (Data)
T-FIFO
400
R/W
110
Test FIFO
Cnfg-A
400
R
111
Configuration Register A
Cnfg-B
401
R/W
111
Configuration Register B
ECR
402
R/W
All
Extended Control Register
PIN DESCRIPTION
NAME
44-PLCC
PIN
#
64-LQFP
PIN
#
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com