Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71 Datasheet(PDF) 38 Page - Exar Corporation

Part # XRT79L71
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 38 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 34Page - Exar Corporation XRT79L71 Datasheet HTML 35Page - Exar Corporation XRT79L71 Datasheet HTML 36Page - Exar Corporation XRT79L71 Datasheet HTML 37Page - Exar Corporation XRT79L71 Datasheet HTML 38Page - Exar Corporation XRT79L71 Datasheet HTML 39Page - Exar Corporation XRT79L71 Datasheet HTML 40Page - Exar Corporation XRT79L71 Datasheet HTML 41Page - Exar Corporation XRT79L71 Datasheet HTML 42Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 434 page
background image
XRT79L71
29
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
REV. 1.0.0
0
Transmit ATM Cell/PPP
Processor Block
Interrupt Status
R/O
Receive ATM Cell/PPP Processor Block Interrupt Status:
This READ-ONLY bit-field indicates whether or not a Receive
ATM Cell/PPP Processor Block Interrupt is awaiting service.
0 - No Receive ATM Cell/PPP Processor block interrupt is await-
ing service.
1 - At least one Receive ATM Cell/PPP Processor block interrupt
is awaiting service.
Operation Interrupt Enable Register - Byte 1 (Address = 0x0116)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Unused
DS3/E3
LIU/JA Block
Interrupt
Enable
DS3/E3
Framer
Block Inter-
rupt Enable
Unused
R/O
R/O
R/O
R/O
R/W
R/W
R/O
R/O
0
0
0
0
0
0
0
0
BIT NUMBER
NAME
TYPE
DESCRIPTION
7 - 4
Unused
3
DS3/E3 LIU/JA
Block Interrupt Enable
R/W
DS3/E3 LIU/Jitter Attenuator Block Interrupt Enable:
This READ/WRITE bit permit the user to either enable or disable
the DS3/E3 LIU/JA Block for interrupt generation. If the user
writes a "0" to this register bit and disables the DS3/E3 LIU/JA
Block (for interrupt generation), then all DS3/E3 LIU/JA Block
interrupts will be disabled for interrupt generation. If the user
writes a "1" to this register bit, the user will still need to enable
the individual DS3/E3 LIU/JA Block interrupt(s) at the Source
Level in order to enable that particular interrupt.
0 - Disable all DS3/E3 LIU/JA Block interrupts within the device.
1 - Enables the DS3/E3 LIU/JA Block at the Block-Level.
2
DS3/E3 Framer Block
Interrupt Enable
R/W
DS3/E3 Framer Block Interrupt Enable:
This READ/WRITE bit permits the user to either enable or dis-
able the DS3/E3 Framer Block for interrupt generation. If the
user writes a "0" to this register bit and disables the DS3/E3
Framer Block (for interrupt generation), then all DS3/E3 Framer
Block interrupts will be disabled for interrupt generation. If the
user writes a "1" to this register bit, the user will still need to
enable the individual DS3/E3 Framer Block interrupt(s) at the
Source Level in order to enable that particular interrupt.
0 - Disable all DS3/E3 Framer Block interrupts within the device.
1 - Enables the DS3/E3 Framer Block at the Block-Level.
1 - 0
Unused
BIT NUMBER
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com