Electronic Components Datasheet Search
  English  ▼

X  

SPA513 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPA513
Description  1 AMP, 15,000 to 20,000 VOLTS HIGH VOLTAGE RECTIFIER BRIDGE STACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPA513 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPA513 Datasheet HTML 1Page - Solid States Devices, Inc SPA513 Datasheet HTML 2Page - Solid States Devices, Inc SPA513 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPA513 Series
1 AMP, 15,000 to 20,000 VOLTS
HIGH VOLTAGE
RECTIFIER BRIDGE STACK
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPA513- __ __ __
└ Finish
__ = Standard Case
SAB = Sand Blasted Case
│
│
│
│
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
│
│
│
└ Dash Number 3/
FEATURES:
Aerospace High Voltage Power Supply Applications
Low Mechanical Stress Design
Excellent Thermal Management- 2.5DC/W
TX, TXV, and Space Level Screening Available
Consult Factory For:
Higher Blocking Voltages
Faster Switching Voltages
Other Electrical Configurations
ASPM
ELECTRICAL CHARACTERISTICS, Each Bridge Leg, @ TA = 25°C (Unless Otherwise Specified)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Instantaneous Forward Voltage Drop
(IF = 1.0A, 300µsec Pulse Minimum)
VF1
---
7.5
Volts
Reverse Leakage
(VR = 2,500V, 300µsec Pulse Minimum)
TA = 25°C
TA = 100°C
IR1
IR2
---
---
1.0
50
µAmps
Insulation Resistance (All Terminals to Base @ 15,000V)
RINSUL1
10
---
GΩ
Reverse Recovery Time
(IF = 0.5A, IR = 1.0A, IRR = 0.25A)
trr
---
60
nsec
Notes: 1/ For ordering information, price, and availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ For each dash number, refer to VR(MODULE) rating, schematic, and outline.
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse and DC Blocking Voltage
(Module)
SPA513-02
SPA513-03
SPA513-04
VR (MODULE)
3/
15 KV
17.5 KV
20 KV
Volts
Peak Repetitive Reverse and DC Blocking Voltage (Each Bridge)
VR
3,300
Volts
Average Rectified Forward Current
(Non-Repetitive, t = 8.3 msec Pulse)
IO
1
Amps
Peak Surge Current
(Non-Repetitive, t = 8.3 msec Pulse, TA = 25°C)
IFSM
25
Amps
Storage & Operating Temperature Range
TOP & TSTG
-65 to +150
°C
Thermal Resistance, Junction to Base
θJB
2.5
°C/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0012E
DOC


Similar Part No. - SPA513

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPA513 SSDI-SPA513 Datasheet
292Kb / 4P
HIGH VOLTAGE RECTIFIER BRIDGE
SPA513-02 SSDI-SPA513-02 Datasheet
292Kb / 4P
HIGH VOLTAGE RECTIFIER BRIDGE
SPA513-03 SSDI-SPA513-03 Datasheet
292Kb / 4P
HIGH VOLTAGE RECTIFIER BRIDGE
SPA513-04 SSDI-SPA513-04 Datasheet
292Kb / 4P
HIGH VOLTAGE RECTIFIER BRIDGE
SPA513-05 SSDI-SPA513-05 Datasheet
292Kb / 4P
HIGH VOLTAGE RECTIFIER BRIDGE
More results

Similar Description - SPA513

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA475-02 SSDI-SDA475-02 Datasheet
65Kb / 2P
3 AMP/18,000 VOLTS HIGH VOLTAGE MULTIPLIER RECTIFIER STACK
SPX2091 SSDI-SPX2091 Datasheet
45Kb / 2P
1 AMP 9,300 VOLTS HIGH VOLTAGE RECTIFIER BRIDGE STACK
SDAD103 SSDI-SDAD103 Datasheet
40Kb / 1P
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102 SSDI-SDAD102 Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101 SSDI-SDAD101 Datasheet
37Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102F SSDI-SDAD102F Datasheet
40Kb / 1P
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SPA498-01 SSDI-SPA498-01 Datasheet
141Kb / 2P
HIGH VOLTAGE RECTIFIER BRIDGE STACK
SPX2090 SSDI-SPX2090 Datasheet
38Kb / 2P
HIGH VOLTAGE RECTIFIER BRIDGE STACK
SPX2094 SSDI-SPX2094 Datasheet
144Kb / 2P
HIGH VOLTAGE RECTIFIER BRIDGE STACK
SPX2094 SSDI-SPX2094_1 Datasheet
140Kb / 2P
HIGH VOLTAGE RECTIFIER BRIDGE STACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com