Electronic Components Datasheet Search
  English  ▼

X  

SPMR534 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPMR534
Description  60 A / 3000V HIGH CURRENT/HIGH VOLTAGE RECTIFIER POWER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPMR534 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPMR534 Datasheet HTML 1Page - Solid States Devices, Inc SPMR534 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Radiation Tolerant Design
• High Current/High Voltage
• Avalanche Breakdown
• Proven Space Flight Heritage
• Compact and Rugged Construction Offering Weight and
Space Savings and Very Low Mechanical Stress
• Low Thermal Resistance: 0.45 oC/W
• Hermetic Sealed Discrete Elements
• TX, TXV, and S-Level Screening Available
• Parelene Coating or Epoxy Encapsulation Available
• Other Terminal Configuration Available. Consult Factory
SOLID STATE DEVICES, INC.
SPMR534
SERIES
FEATURES:
DATA SHEET #: PM0018A
60 A / 3000V
HIGH CURRENT/HIGH VOLTAGE
RECTIFIER POWER MODULE
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
Miniature ASPM
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
MAXIMUM RATINGS
Peak Repetitive Reverse
and DC Blocking Voltage
Volts
CHARACTERISTIC
SYMBOL
VALUE
UNIT
VRWM
VR
1800
2500
3000
Peak Surge Current
(Non-repetitive, t = 8.3 ms Pulse, TA = 25
oC)
Amps
225
IFSM
Storage Temperature Range
oC
TSTG
Thermal Resistance, Junction to Base
oC/W
θθθθθJB
-65 TO +175
Average Rectified Forward Current
(Non-repetitive, t = 8.3 ms Pulse)
Amps
IO
50
0.45
SPMR534- 18 UF T
Part Number /Ordering Information
Terminal: T = Turret
Speed:
S = Standard Recovery
F = Fast
UF = Ultra Fast
Voltage: 18 = 1800V
25 = 2500V
30 = 3000V
Available Part Numbers:
SPMR534-18ST, SPMR534-18FT, SPMR534-18UFT
SPMR534-25ST, SPMR534-25FT, SPMR534-25UFT
SPMR534-30ST, SPMR534-30FT, SPMR534-30UFT
Ultra Fast
1800
2500
3000
250
-65 TO +175
56
0.45
1800
2500
3000
300
-65 TO +175
60
0.45
Fast
Standard
Operating Temperature Range
oC
TOP
-65 TO +150
-65 TO +165
-65 TO +175
Actual Size


Similar Part No. - SPMR534

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPMR527 SSDI-SPMR527 Datasheet
60Kb / 2P
320/400 Amps 100/30 Volts 3 PHASE BRIDGE POWER MODULE
SPMR527B03 SSDI-SPMR527B03 Datasheet
60Kb / 2P
320/400 Amps 100/30 Volts 3 PHASE BRIDGE POWER MODULE
SPMR527B04 SSDI-SPMR527B04 Datasheet
60Kb / 2P
320/400 Amps 100/30 Volts 3 PHASE BRIDGE POWER MODULE
SPMR527B10 SSDI-SPMR527B10 Datasheet
60Kb / 2P
320/400 Amps 100/30 Volts 3 PHASE BRIDGE POWER MODULE
SPMR527F03 SSDI-SPMR527F03 Datasheet
60Kb / 2P
320/400 Amps 100/30 Volts 3 PHASE BRIDGE POWER MODULE
More results

Similar Description - SPMR534

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60EPS08PBF VISHAY-60EPS08PBF Datasheet
163Kb / 7P
High Voltage Input Rectifier Diode, 60 A
18-Aug-11
60EPS16PBF VISHAY-60EPS16PBF Datasheet
186Kb / 7P
High Voltage Input Rectifier Diode, 60 A
18-Aug-11
logo
Rugao Dachang Electroni...
R3000 DACHANG-R3000 Datasheet
117Kb / 2P
High Voltage Rectifier Reverse Voltage 3000V Forward Current 0.5A
logo
Nell Semiconductor Co.,...
D4310E NELLSEMI-D4310E Datasheet
227Kb / 5P
High voltage ratings up to 3000V
logo
GETAI ELECTRONICS DEVIC...
R3000 GETEDZ-R3000 Datasheet
565Kb / 2P
200mA 3000V~5000V--High voltage silicon rectifier diode
R4000 GETEDZ-R4000 Datasheet
565Kb / 2P
200mA 3000V~5000V--High voltage silicon rectifier diode
R5000 GETEDZ-R5000 Datasheet
565Kb / 2P
200mA 3000V~5000V--High voltage silicon rectifier diode
logo
Vishay Siliconix
VS-60EPS16PBF VISHAY-VS-60EPS16PBF Datasheet
218Kb / 8P
High Voltage Input Rectifier Diode, 60 A
12-Feb-16
VS-60EPS-M3 VISHAY-VS-60EPS-M3_V01 Datasheet
191Kb / 8P
High Voltage Input Rectifier Diode, 60 A
16-Jun-2021
VS-60EPS16-M3 VISHAY-VS-60EPS16-M3_V01 Datasheet
214Kb / 7P
High Voltage Input Rectifier Diode, 60 A
16-Jun-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com