| Electronic Components Datasheet Search |
|
XRT83L38 Datasheet(PDF) 9 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT83L38 Datasheet(HTML) 9 Page - Exar Corporation |
|
9 / 87 page ![]() XRT83L38 6 REV. 1.0.2 OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR RPOS_0 RDATA_0 RPOS_1 RDATA_1 RPOS_2 RDATA_2 RPOS_3 RDATA_3 RPOS_4 RDATA_4 RPOS_5 RDATA_5 RPOS_6 RDATA_6 RPOS_7 RDATA_7 B2 B2 G2 D15 B17 U2 M3 L17 T17 O Receiver Positive Data Output for Channel _0 - Dual-Rail mode This signal is the receive positive-rail output data sent to the Framer. Receiver NRZ Data Output for Channel _0 - Single-Rail mode This signal is the receive output data. Receiver Positive Data Output for Channel _1 Receiver NRZ Data Output for Channel _1 Receiver Positive Data Output for Channel _2 Receiver NRZ Data Output for Channel _2 Receiver Positive Data Output for Channel _3 Receiver NRZ Data Output for Channel _3 Receiver Positive Data Output for Channel _4 Receiver NRZ Data Output for Channel _4 Receiver Positive Data Output for Channel _5 Receiver NRZ Data Output for Channel _5 Receiver Positive Data Output for Channel _6 Receiver NRZ Data Output for Channel 6 Receiver Positive Data Output for Channel _7 Receiver NRZ Data Output for Channel _7 RTIP_0 RTIP_1 RTIP_2 RTIP_3 RTIP_4 RTIP_5 RTIP_6 RTIP_7 C1 G1 G18 C18 U1 L1 L18 T18 I Receiver Differential Tip Input for Channel _0 Positive differential receive input from the line Receiver Differential Tip Input for Channel _1 Receiver Differential Tip Input for Channel _2 Receiver Differential Tip Input for Channel _3 Receiver Differential Tip Input for Channel _4 Receiver Differential Tip Input for Channel _5 Receiver Differential Tip Input for Channel _6 Receiver Differential Tip Input for Channel _7 RRING_0 RRING_1 RRING_2 RRING_3 RRING_4 RRING_5 RRING_6 RRING_7 D1 F1 F18 D18 T1 M1 M18 R18 I Receiver Differential Ring Input for Channel _0 Negative differential receive input from the line Receiver Differential Ring Input for Channel _1 Receiver Differential Ring Input for Channel _2 Receiver Differential Ring Input for Channel _3 Receiver Differential Ring Input for Channel _4 Receiver Differential Ring Input for Channel _5 Receiver Differential Ring Input for Channel _6 Receiver Differential Ring Input for Channel _7 RXMUTE T12 I Receive Data Muting When a LOS condition occurs, the outputs RPOS_n/RNEG_n will be muted, (forced to ground) to prevent data chattering. Tie this pin “Low” to disable the muting function. NOTES: 1. This pin is internally pulled “High” with a 50k Ω resistor. 2. In Hardware mode, all receive channels share the same RXMUTE control function. SIGNAL NAME LEAD #TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |