Electronic Components Datasheet Search
  English  ▼

X  

MP3011DQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3011DQ
Description  1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver Evaluation Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3011DQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3011DQ Datasheet HTML 1Page - Monolithic Power Systems MP3011DQ Datasheet HTML 2Page - Monolithic Power Systems MP3011DQ Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EV3011DQ-00A – 1X, 1.5X, 2X CHARGE PUMP 2 WHITE LED DRIVER EV BOARD
EV3011DQ-00A Rev. 1.1
www.MonolithicPower.com
2
10/27/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
MP3011
C1A
C1B
C2A
C2B
LED1
LED2
BATT
EN
RADJ
GND
LEDC
GND
TP_LEDC
EN
VIN
LED2
LED1
U1
EV3011_S01
4
7
6
9
15
16
5, 13
12
11
3, 10
8
EV3011DQ-00A BILL OF MATERIALS
Qty
Ref
Value Description
Package Manufacturer P/N
Distributor P/N
3
C1, C2, C3
1µF
Ceramic Cap., 10V, X7R
0805
TDK:
C2012X7R1A105K
Digikey:
445-1359-1-ND
1
C4
4.7µF Ceramic Cap., 6.3V, X5R
0805
TDK:
C2012X5R0J475K
Digikey:
445-1421-1-ND
2
LED1, LED2
Not Stuffed
1
R1
1.54kΩ Resistor, 1%
0805
Panasonic:
ERJ-6ENF1541V
Digikey:
P1.54KCCT-ND
1
R2
100kΩ Resistor, 5%
0805
Panasonic:
ERJ-6GEYJ104V
Digikey:
P100KACT-ND
2
R3, R4
0Ω
Resistor, 5%
0805
Yageo:
9C08052A0R00JLHFT
Digikey:
311-0.0ACT-ND
1
U1
White LED Driver
QFN16
MPS:
MP3011DQ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com