Electronic Components Datasheet Search
  English  ▼

X  

MP7720DS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP7720DS
Description  150W Class D 5.1 Channel Audio Board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7720DS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP7720DS Datasheet HTML 3Page - Monolithic Power Systems MP7720DS Datasheet HTML 4Page - Monolithic Power Systems MP7720DS Datasheet HTML 5Page - Monolithic Power Systems MP7720DS Datasheet HTML 6Page - Monolithic Power Systems MP7720DS Datasheet HTML 7Page - Monolithic Power Systems MP7720DS Datasheet HTML 8Page - Monolithic Power Systems MP7720DS Datasheet HTML 9Page - Monolithic Power Systems MP7720DS Datasheet HTML 10Page - Monolithic Power Systems MP7720DS Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EV7720DS-7782-00D – 150W CLASS D, 5.1 CHANNEL AUDIO BOARD
EVALUATION BOARD
EV7720DS-7782-00D Rev. 1.0
www.MonolithicPower.com
10
8/8/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
EV7720DS-7782_TPC6
10
1
0.1
0.01
0.1
1
10
OUTPUT POWER (W)
EV7720DS-7782_TPC03
0
-20
-40
-60
-80
-100
-120
-140
20
100
1k
10k
FREQUENCY (Hz)
EV7720DS-7782_TPC01
FFT Noise Floor
22KHzBW, A-Weighted
100
10
1
0.1
0.01
0.1
1
10
100
OUTPUT POWER (W)
EV7720DS-7782_TPC04
100
1k
10k
FREQUENCY (Hz)
EV7720DS-7782_TPC07
0
-30
-60
-90
-120
-150
+30
+25
+20
+15
+10
+5
+0
100
1k
10k
100
1k
10k
FREQUENCY (Hz)
EV7720DS-7782_TPC05
+4
0
-4
-8
-12
-16
+4
0
-4
-8
-12
-16
+0
-50
-100
-150
-200
-250
-300
100
1k
10k
FREQUENCY (Hz)
EV7720DS-7782_TPC08
+30
+28
+26
+24
+22
+20
-90
-120
-150
-180
-210
-240
-270
-300
20
100
1k
10k
FREQUENCY (Hz)
EV7720DS-7782_TPC02
FFT Noise Floor (SUB)
22KHzBW, A-Weighted



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com