Electronic Components Datasheet Search
  English  ▼

X  

SA630N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA630N
Description  Single pole double throw SPDT switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA630N Datasheet(HTML) 2 Page - NXP Semiconductors

  SA630N Datasheet HTML 1Page - NXP Semiconductors SA630N Datasheet HTML 2Page - NXP Semiconductors SA630N Datasheet HTML 3Page - NXP Semiconductors SA630N Datasheet HTML 4Page - NXP Semiconductors SA630N Datasheet HTML 5Page - NXP Semiconductors SA630N Datasheet HTML 6Page - NXP Semiconductors SA630N Datasheet HTML 7Page - NXP Semiconductors SA630N Datasheet HTML 8Page - NXP Semiconductors SA630N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
SA630
Single pole double throw (SPDT) switch
2
1997 Nov 07
853-1577 18666
DESCRIPTION
The SA630 is a wideband RF switch fabricated in BiCMOS technol-
ogy and incorporating on-chip CMOS/TTL compatible drivers. Its
primary function is to switch signals in the frequency range DC -
1GHz from one 50
Ω channel to another. The switch is activated by
a CMOS/TTL compatible signal applied to the enable channel 1 pin
(ENCH1).
The extremely low current consumption makes the SA630 ideal for
portable applications. The excellent isolation and low loss makes
this a suitable replacement for PIN diodes.
The SA630 is available in an 8-pin dual in-line plastic package and
an 8-pin SO (surface mounted miniature) package.
FEATURES
•Wideband (DC - 1GHz)
•Low through loss (1dB typical at 200MHz)
•Unused input is terminated internally in 50Ω
•Excellent overload capability (1dB gain compression point +18dBm
at 300MHz)
•Low DC power (170µA from 5V supply)
•Fast switching (20ns typical)
•Good isolation (off channel isolation 60dB at 100MHz)
PIN CONFIGURATION
VDD
GND
INPUT
ENCH1
OUT1
GND
1
2
3
45
6
7
8
AC GND
OUT2
D and N Packages
SR00578
Figure 1. Pin Configuration
•Low distortion (IP
3 intercept +33dBm)
•Good 50Ω match (return loss 18dB at 400MHz)
•Full ESD protection
•Bidirectional operation
APPLICATIONS
•Digital transceiver front-end switch
•Antenna switch
•Filter selection
•Video switch
•FSK transmitter
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Dual In-Line Package (DIP)
-40 to +85
°C
SA630N
SOT97-1
8-Pin Plastic Small Outline (SO) package (Surface-mount)
-40 to +85
°C
SA630D
SOT96-1
BLOCK DIAGRAM
INPUT/OUTPUT
ENCH1
OUTPUT/INPUT
OUTPUT/INPUT
SR00579
Figure 2. Block Diagram
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNITS
VDD
Supply voltage
3.0 to 5.5V
V
TA
Operating ambient temperature range
SA Grade
-40 to +85
°C
TJ
Operating junction temperature range
SA Grade
-40 to +105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com