Electronic Components Datasheet Search
  English  ▼

X  

B3733 Datasheet(PDF) 9 Page - EPCOS

Part # B3733
Description  SAW filter 434.42 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3733 Datasheet(HTML) 9 Page - EPCOS

  B3733 Datasheet HTML 1Page - EPCOS B3733 Datasheet HTML 2Page - EPCOS B3733 Datasheet HTML 3Page - EPCOS B3733 Datasheet HTML 4Page - EPCOS B3733 Datasheet HTML 5Page - EPCOS B3733 Datasheet HTML 6Page - EPCOS B3733 Datasheet HTML 7Page - EPCOS B3733 Datasheet HTML 8Page - EPCOS B3733 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
April 04, 2006
Important notes
The following applies to all products named in this publication:
1.
Some parts of this publication contain statements about the suitability of our products for
certain areas of application. These statements are based on our knowledge of typical
requirements that are often placed on our products in the areas of application concerned. We
nevertheless expressly point out that such statements cannot be regarded as binding
statements about the suitability of our products for a particular customer application.
As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar
with them than the customers themselves. For these reasons, it is always ultimately incum-
bent on the customer to check and decide whether an EPCOS product with the properties
described in the product specification is suitable for use in a particular customer application.
2.
We also point out that in individual cases, a malfunction of passive electronic compo-
nents or failure before the end of their usual service life cannot be completely ruled
out in the current state of the art, even if they are operated as specified. In customer
applications requiring a very high level of operational safety and especially in customer appli-
cations in which the malfunction or failure of a passive electronic component could endanger
human life or health (e.g. in accident prevention or life-saving systems), it must therefore be
ensured by means of suitable design of the customer application or other action taken by the
customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is
sustained by third parties in the event of malfunction or failure of a passive electronic compo-
nent.
3.
The warnings, cautions and product-specific notes must be observed.
4.
In order to satisfy certain technical requirements, some of the products described in this
publication may contain substances subject to restrictions in certain jurisdictions (e.g.
because they are classed as “hazardous”). Useful information on this will be found in our
Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more
detailed questions, please contact our sales offices.
5.
We constantly strive to improve our products. Consequently, the products described in this
publication may change from time to time. The same is true of the corresponding product
specifications. Please check therefore to what extent product descriptions and specifications
contained in this publication are still applicable before or when you place an order.
We also reserve the right to discontinue production and delivery of products. Conse-
quently, we cannot guarantee that all products named in this publication will always be avail-
able.
6.
Unless otherwise agreed in individual contracts, all orders are subject to the current ver-
sion of the “General Terms of Delivery for Products and Services in the Electrical
Industry” published by the German Electrical and Electronics Industry Association
(ZVEI).
7.
The trade names EPCOS, CeraDiode, CSSP, PhaseCap, PhaseMod, SIFI, SIKOREL, Silver-
Cap, SIMID, SIOV, SIP5D, SIP5K, TOPcap, UltraCap, WindCap are trademarks registered
or pending in Europe and in other countries. Further information will be found on the Internet
at www.epcos.com/trademarks.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com