Electronic Components Datasheet Search
  English  ▼

X  

B3751 Datasheet(PDF) 3 Page - EPCOS

Part # B3751
Description  SAW Components Low-loss Filter 315,00 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3751 Datasheet(HTML) 3 Page - EPCOS

  B3751 Datasheet HTML 1Page - EPCOS B3751 Datasheet HTML 2Page - EPCOS B3751 Datasheet HTML 3Page - EPCOS B3751 Datasheet HTML 4Page - EPCOS B3751 Datasheet HTML 5Page - EPCOS B3751 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Mar 13, 2003
SAW Components
B3751
315,00 MHz
Low-loss Filter
Data Sheet
Characteristics
Reference temperature:
TA = –45 ... +95˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
2) Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to
source- and to load impedance (here 50 Ohm). After the SAW filter is removed and input imped-
ance into the input matching / output matching network is calculated.
The conjugate complex value of these characteristic impedances are the input and output imped-
ances for flat passband. For more details, we refer to EPCOS application note #4.
min.
typ.
max.
Center frequency
fC
—
315,00
—
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
(including losses in matching network)
314,84 ... 315,16 MHz
—
2,1
3,0
dB
Pass band (relative to
α
min)
314,84 ... 315,16 MHz
—
0,5
2,0
dB
314,82 ... 315,18 MHz
—
0,7
3,0
dB
314,78 ... 315,22 MHz
—
1,0
6,0
dB
Pass bandwidth
α
rel≤ 3 dB
0,57
0,62
0,67
MHz
Relative attenuation (relative to
α
min)
α
rel
10,00 ... 294,50 MHz
53
58
—
dB
294,50 ... 304,50 MHz
48
53
—
dB
304,50 ... 312,80 MHz
33
38
—
dB
312,80 ... 313,20 MHz
38
44
—
dB
313,20 ... 314,30 MHz
9
12
—
dB
316,00 ... 318,00 MHz
9
11
—
dB
318,00 ... 325,00 MHz
15
19
—
dB
325,00 ... 335,00 MHz
43
48
—
dB
335,00 ... 600,00 MHz
48
53
—
dB
600,00 ...1000,00 MHz
60
70
—
dB
Impedance for pass band matching 2)
Input:
ZIN
=
RIN
||
CIN
—
560 || 2,0
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
560 || 2,0
—
Ω || pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com