Electronic Components Datasheet Search
  English  ▼

X  

SA630D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA630D
Description  Single pole double throw SPDT switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA630D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA630D Datasheet HTML 3Page - NXP Semiconductors SA630D Datasheet HTML 4Page - NXP Semiconductors SA630D Datasheet HTML 5Page - NXP Semiconductors SA630D Datasheet HTML 6Page - NXP Semiconductors SA630D Datasheet HTML 7Page - NXP Semiconductors SA630D Datasheet HTML 8Page - NXP Semiconductors SA630D Datasheet HTML 9Page - NXP Semiconductors SA630D Datasheet HTML 10Page - NXP Semiconductors SA630D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
SA630
Single pole double throw (SPDT) switch
1997 Nov 07
7
+85
°C
+25
°C
-40
°C
200
180
160
140
120
100
80
60
40
20
0
3
3.5
4
4.5
5
5.5
6
SUPPLY VOLTAGE (V)
SR00586
Figure 9. Supply Current vs. VDD and Temperature
TA = +25°C
5V
4V
3V
FREQUENCY (MHz)
0
10
100
1000
2000
–2
–4
–6
–8
SR00587
Figure 10.
Loss vs. Frequency and VDD for D-Package
3V
4V
5V
TA = +25°C
FREQUENCY (MHz)
10
100
1000
–1
–2
SR00588
Figure 11.
Loss vs. Frequency and VDD for
D-Package-Expanded Detail-
VDD = 5V
TA = +25°C
CH2
FREQUENCY (MHz)
0
10
100
1000
2000
–2
–4
–6
–8
–10
SR00589
Figure 12.
Loss Matching vs. Frequency for N-Package (DIP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com