Electronic Components Datasheet Search
  English  ▼

X  

EV0043 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # EV0043
Description  3A, 25V, 1.1MHz Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0043 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button EV0043 Datasheet HTML 5Page - Monolithic Power Systems EV0043 Datasheet HTML 6Page - Monolithic Power Systems EV0043 Datasheet HTML 7Page - Monolithic Power Systems EV0043 Datasheet HTML 8Page - Monolithic Power Systems EV0043 Datasheet HTML 9Page - Monolithic Power Systems EV0043 Datasheet HTML 10Page - Monolithic Power Systems EV0043 Datasheet HTML 11Page - Monolithic Power Systems EV0043 Datasheet HTML 12Page - Monolithic Power Systems EV0043 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MP1517 – 3A, 25V, 1.1MHz STEP-UP CONVERTER
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP1517 Rev. 1.4
www.MonolithicPower.com
13
4/28/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN16 (4mm x 4mm)
SIDE VIEW
TOP VIEW
1
16
13
12
9
85
4
BOTTOM VIEW
3.90
4.10
2.15
2.45
3.90
4.10
2.15
2.45
0.65
BSC
0.25
0.35
0.80
1.00
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
2.30
0.65
0.35
RECOMMENDED LAND PATTERN
3.80
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10 MILLIMETER MAX.
4) JEDEC REFERENCE IS MO-220, VARIATION VGGC.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
PIN 1 ID OPTION A
0.45x45º TYP.
PIN 1 ID OPTION B
R0.25 TYP.
DETAIL A
PIN 1 ID
INDEX AREA
1.00
0.50
0.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com