Electronic Components Datasheet Search
  English  ▼

X  

MP1519L Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1519L
Description  1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1519L Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1519L Datasheet HTML 1Page - Monolithic Power Systems MP1519L Datasheet HTML 2Page - Monolithic Power Systems MP1519L Datasheet HTML 3Page - Monolithic Power Systems MP1519L Datasheet HTML 4Page - Monolithic Power Systems MP1519L Datasheet HTML 5Page - Monolithic Power Systems MP1519L Datasheet HTML 6Page - Monolithic Power Systems MP1519L Datasheet HTML 7Page - Monolithic Power Systems MP1519L Datasheet HTML 8Page - Monolithic Power Systems MP1519L Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP1519L – 1X, 1.5X, 2X CHARGE PUMP 3 WHITE LED DRIVER
MP1519L Rev. 1.3
www.MonolithicPower.com
4
7/27/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PIN FUNCTIONS
Pin #
Name Description
1, 2
NC
No Connect.
3, 10
GND Ground.
4
C1A
Charge Pump Capacitor #1 Positive Node. Connect the positive side of the #1 charge pump
capacitor to C1A. Typical applications require C1 to be 1µF.
5, 13
BATT
Battery Power Input. Connect the 2.5V to 5.5V input source between BATT and GND. Bypass
BATT to GND with a 1µF or greater capacitor.
6
C2A
Charge Pump Capacitor #2 Positive Node. Connect the positive side of the #2 charge pump
capacitor to C2A. Typical applications require C2 to be 1µF.
7
C1B
Charge Pump Capacitor #1 Negative Node. Connect the negative side of the #1 charge pump
capacitor to C1B.
8
LEDC
LED Common for the Cathodes. Connect the cathodes of the LEDs to LEDC and to a 4.7µF
bypass capacitor. Do not connect to any other ground, supply or pin.
Note: Exposed pad on backside is connected to this pin. Do Not Ground.
9
C2B
Charge Pump Capacitor #2 Negative Node. Connect the negative side of the #2 charge pump
capacitor to C2B.
11
RADJ
LED Current Adjust Input. Connect a resistor between RADJ and GND to set the LED current.
All of the LEDs regulate at the same current. See Setting the LED Current.
12
EN
Enable Input. Drive EN high to turn on the MP1519L, drive EN low to shutdown the MP1519L.
To use burst-mode brightness control, drive EN with a PWM signal. See Burst Mode Dimming.
14
LED1
#1 LED Driver. Connect the #1 LED between LED1 and LEDC, with the anode at LED1, and
the cathode at LEDC.
15
LED2
#2 LED Driver. Connect the #2 LED between LED2 and LEDC, with the anode at LED2, and
the cathode at LEDC.
16
LED3
#3 LED Driver. Connect the #3 LED between LED3 and LEDC, with the anode at LED3, and
the cathode at LEDC.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com