Electronic Components Datasheet Search
  English  ▼

X  

MP1522 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1522
Description  25V Step-Up Converter in a SOT23-5 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1522 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1522 Datasheet HTML 1Page - Monolithic Power Systems MP1522 Datasheet HTML 2Page - Monolithic Power Systems MP1522 Datasheet HTML 3Page - Monolithic Power Systems MP1522 Datasheet HTML 4Page - Monolithic Power Systems MP1522 Datasheet HTML 5Page - Monolithic Power Systems MP1522 Datasheet HTML 6Page - Monolithic Power Systems MP1522 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MP1522 – 25V STEP-UP CONVERTER IN A SOT23-5 PACKAGE
MP1522 Rev. 1.9
www.MonolithicPower.com
5
12/9/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
Diode
The high switching frequencies of the MP1522
require the use of fast recovery or Schottky
barrier diodes. In low voltage applications
Schottky barrier diodes are recommended for
maximum efficiency. The reverse breakdown
voltage should be approximately 1.5X the
output voltage.
Printed Circuit Board Layout
The printed circuit board layout is important in
order to minimize noise and prevent erratic
operation. Keep the ground leads short and
robust with minimum lead lengths between the
input and output capacitors and ground. Place
the feedback resistive voltage divider as close
to FB as possible to prevent switching noise
injection into FB. The use of surface mount
capacitors with their low ESL is required to
minimize noise at the MP1522. Use separate
power and quiet ground planes connected
together at a single point whenever possible to
minimize.ground.bounce.
Table 1—Output Current vs. Input Voltage
VIN (V)
VOUT (V)
IOUT (mA)
3.3
5
67
3.3
12
28
3.3
18
15
3.3
25
10
5
12
44
5
18
32
5
25
19
10
12
122
10
18
75
10
25
51
MP1522_TAC_F02
MP1522 BIAS
FB
SW
GND
EN
2
4
3
5
1
OFF ON
VOUT
20V
VIN
3.3V
C2
1nF
D1
RB751
Figure 2—Typical Boost Application



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com