Electronic Components Datasheet Search
  English  ▼

X  

EV0022 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # EV0022
Description  25V Step-Up Converter in a SOT23-5 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0022 Datasheet(HTML) 3 Page - Monolithic Power Systems

  EV0022 Datasheet HTML 1Page - Monolithic Power Systems EV0022 Datasheet HTML 2Page - Monolithic Power Systems EV0022 Datasheet HTML 3Page - Monolithic Power Systems EV0022 Datasheet HTML 4Page - Monolithic Power Systems EV0022 Datasheet HTML 5Page - Monolithic Power Systems EV0022 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MP1522 – 25V STEP-UP CONVERTER IN A SOT23-5 PACKAGE
MP1522 Rev. 2.0
www.MonolithicPower.com
3
9/1/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect the power
inductor and output rectifier to SW. SW can swing between GND and 25V.
2
GND
Ground.
3
FB
Feedback Input. Connect a resistive voltage divider from the output voltage to FB to set
the output voltage. The feedback regulation threshold is 1.23V.
4
EN
Regulator On/Off Control Input. A high voltage at EN turns on the converter, and a low
voltage turns it off. When not used, connect EN to the input source for automatic startup. If
EN is driven over 6V, place a 100kΩ resistor in series with EN.
5
BIAS
Internal Power Input. BIAS powers the internal circuitry. Connect BIAS to the output for
enhancement on the internal MOSFET gate at low VIN. If the input source remains above
3.0V, BIAS can be connected to the input source to reduce power consumption.
OPERATION
The MP1522 is a step-up converter that
operates from an input voltage as low as 2.7V
and generates an output voltage up to 25V. The
0.5Ω internal N-Channel MOSFET power switch
is driven with a variable frequency, constant-
peak-current
architecture
for
improved
regulation and low operating current. The 550ns
minimum off-time is extended to 1.6µs during
start-up to yield a smooth glitch free turn-on.
Start-up mode is activated at initial power-up or
when exiting the 1µA shutdown state. The
MP1522 features an internal regulator allowing
it to be powered from the output for improved
low-input voltage operation, or powered from
the
input
source
for
reduced
power
consumption due to quiescent current.
CONTROL
LOGIC
OFF ON
REGULATOR
VIN
L1
D1
C1
C4
INTERNAL
POWER
ERROR
AMP
1.23V
450mA
GND
EN
BIAS
FB
SW
R2
R1
C2
C3
R3
--
+
CURRENT
--
+
VOUT
GND
4
2
3
1
5
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com