Electronic Components Datasheet Search
  English  ▼

X  

MP1523 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1523
Description  Precision 6-Lamp White LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1523 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1523 Datasheet HTML 1Page - Monolithic Power Systems MP1523 Datasheet HTML 2Page - Monolithic Power Systems MP1523 Datasheet HTML 3Page - Monolithic Power Systems MP1523 Datasheet HTML 4Page - Monolithic Power Systems MP1523 Datasheet HTML 5Page - Monolithic Power Systems MP1523 Datasheet HTML 6Page - Monolithic Power Systems MP1523 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MP1523 – PRECISION 6-LAMP WHITE LED DRIVER
INITIAL RELEASE
07/04, Rev. 1.6
www.MonolithicPower.com
5
APPLICATIONS INFORMATION
Setting the LED current
The LED current is set by the sense resistor
(R2) at FB. The LED current can be calculated
as:
2
R
V
I
FB
LED =
Where VFB is 400mV. The LED current is set to
20mA if R2 = 20Ω.
Capacitor Selection
A 1µF to 10µF ceramic input capacitor (C1) and
a 0.47µF to 1µF ceramic output capacitor (C2)
are recommended for most applications. A
capacitor (typically 1nF) in parallel with the LED
string improves stability, input and output ripple
especially when large inductance values (10µH
or above) are used. For best stability over a
wide temperature range, use capacitors with an
X5R or X7R dielectric.
Inductor selection
The MP1523 has a 450mA inductor current limit
and can drive up to 6 LEDs at 20mA.
Inductance values (L1) from 4.7µH to 47µH
work satisfactorily. Larger values provide the
best efficiency while small inductor values allow
the smallest inductor size. To prevent
saturation, use an inductor with a saturation
current rating that matches the device current
limit.
Diode selection
The
MP1523’s
high
switching
frequency
demands a high-speed rectifier (D1) for
optimum efficiency. A schottky diode is
recommended due to its fast recovery time and
low forward voltage drop. Ensure the diode’s
average and peak current ratings exceed the
average output current and peak inductor
current. In addition, the diode’s reverse
breakdown voltage must exceed the output
voltage.
Layout
Careful PC board layout is required due to fast-
switching. All components must be placed as
close to the IC as possible. Keep the path
between inductor L1, diode D1, and output
capacitor C2 extremely short for minimal noise
and ringing. The feedback components such as
sense resistor R2 must be kept close to the FB
pin to prevent noise injection on the FB pin
trace. The ground return of C1 and C2 should
be tied close to the GND pin. See the MP1523
demo board layout for reference.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com