Electronic Components Datasheet Search
  English  ▼

X  

EV0034 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # EV0034
Description  2A, 1.3MHz Step-Up Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0034 Datasheet(HTML) 2 Page - Monolithic Power Systems

  EV0034 Datasheet HTML 1Page - Monolithic Power Systems EV0034 Datasheet HTML 2Page - Monolithic Power Systems EV0034 Datasheet HTML 3Page - Monolithic Power Systems EV0034 Datasheet HTML 4Page - Monolithic Power Systems EV0034 Datasheet HTML 5Page - Monolithic Power Systems EV0034 Datasheet HTML 6Page - Monolithic Power Systems EV0034 Datasheet HTML 7Page - Monolithic Power Systems EV0034 Datasheet HTML 8Page - Monolithic Power Systems EV0034 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP1527
2A, 1.3MHz
Step-Up Converter
MP1527 Rev 1.8_8/31/05
Monolithic Power Systems, Inc.
2
Monolithic Power Systems
Absolute Maximum Ratings
(Note 1)
Input Supply Voltage
VIN
-0.3V to 27V
SW Pin Voltage VSW
-0.3V to 27V
Voltage at All Other Pins
-0.3V to 6V
Storage Temperature
-55
°C to +150°C
Recommended Operating Conditions
IN Input Supply Voltage VIN
2.6V to 25V
Step Up Output Voltage
3.3V to 25V
Operating Temperature
-40
°C to +85°C
Package Thermal Characteristics
Thermal Resistance ΘJA (TSSOP14)
90°C/W
Thermal Resistance ΘJA (QFN16) (Note 2)
46°C/W
Electrical Characteristics (VIN = 5.0V, TA = 25°C unless specified otherwise)
Parameters
Conditions
Min
Typ
Max
Units
IN Shutdown Supply Current
VEN<0.3V
0.5
1.0
µA
IN Operating Supply Current
VEN>2V, VFB=1.1V
0.9
1.2
mA
BP Output Voltage
VIN = 2.6V to 25V
2.4
V
IN Undervoltage Lockout Threshold
VIN Rising
2.1
2.4
V
IN Undervoltage Lockout Hysteresis
100
mV
EN Input Low Voltage
0.3
V
EN Input High Voltage
1.5
V
EN Input Hysteresis
100
mV
EN Input Bias Current
100
nA
SW Switching Frequency
1.0
1.3
1.5
MHz
SW Maximum Duty Cycle
VFB = 1.1V
85
90
%
Error Amplifier Voltage Gain
400
V/V
Error Amplifier Transconductance
300
µA/V
COMP Maximum Output Current
Sourcing and Sinking
30
µA
FB Regulation Threshold
1.196
1.22
1.244
V
FB Input Bias Current
VFB=1.22V
-100
nA
SS Charging Current
During Soft-Start
2
µA
FAULT Input Threshold Voltage
1.2
V
FAULT Output Low Voltage
VFB < 1.0V
0.2
V
VIN =5V
150
m
Ω
SW On Resistance
VIN =3V
225
m
Ω
SW Current Limit
(Note 3)
2.0
3.0
A
SW Leakage Current
VSW = 25V
0.5
µA
Thermal Shutdown
160
°C
Note 1: Exceeding these ratings may damage the device.
Note 2: Measured on approximately 1” square of 1oz copper.
Note 3: Guaranteed by design. Not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com