Electronic Components Datasheet Search
  English  ▼

X  

MP1529DR Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP1529DR
Description  Fixed Frequency Step-Up Converter LCD Backlight Plus Flash
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1529DR Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP1529DR Datasheet HTML 3Page - Monolithic Power Systems MP1529DR Datasheet HTML 4Page - Monolithic Power Systems MP1529DR Datasheet HTML 5Page - Monolithic Power Systems MP1529DR Datasheet HTML 6Page - Monolithic Power Systems MP1529DR Datasheet HTML 7Page - Monolithic Power Systems MP1529DR Datasheet HTML 8Page - Monolithic Power Systems MP1529DR Datasheet HTML 9Page - Monolithic Power Systems MP1529DR Datasheet HTML 10Page - Monolithic Power Systems MP1529DR Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP1529 – FIXED FREQUENCY STEP-UP CONVERTER LCD BACKLIGHT PLUS FLASH
MP1529 Rev. 1.0
www.MonolithicPower.com
8
11/23/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
Table 1—Enable Operation Table
(5, 6, 7)
Mode
EN1
EN2
Strings 1 & 2: LCD Backlight LEDs
String 3: Flash LEDs
Off
L
L
Off
Off
Backlight
H (PWM)
L
On (PWM)
Off
Backlight plus
Preview
H (PWM)
H
On (PWM)
Preview current
Flash
L
H
Off
Flash current
Notes:
5) Backlight and Backlight plus Preview may use PWM for backlight brightness control. Only strings 1 & 2 will respond to high speed PWM.
String 3 will remain continuously on or off depending on the mode.
6) Any combination of backlight string may be used. 1 or 2 or 1 & 2 will regulate properly. The part uses over voltage detection to determine
which strings are available to light. The remaining strings are then used for regulation. The part will not remain in an open loop mode if
there is at least one string of LEDs to light.
7) Changing from backlight plus preview to flash will have a delay equal to the soft-start timer due to the PWM filtering necessary for preview.
Switching the part to off mode then to flash will cancel the timer. This will take a few microseconds instead of the 10 milliseconds typically
associated with the timer being active.
APPLICATION INFORMATION
Setting the LED currents
Resistors RS1, RS2 and RS3 set the backlight
LED string (LED1 and LED2) current, the flash
LED string (LED3) preview current, and the
flash
LED
string
current,
respectively.
Determine each current setting resistor in kΩ by
the equations:
BL
_
LED
SET
I
V
950
1
RS
×
=
PV
_
LED
SET
I
V
1100
2
RS
×
=
FL
_
LED
SET
I
V
1000
3
RS
×
=
Where VSET is the internal reference voltage,
typically 1.216V. ILED_BL, ILED_PV and ILED_FL are
the backlight LED string current, the flash LED
string preview current, and the flash LED string
flash current in mA, respectively.
Selecting the Input Capacitor
An input capacitor is required to supply the AC
ripple current to the inductor, while limiting
noise at the input source. This capacitor must
have low ESR, so ceramic is the best choice.
Use an input capacitor value of 4.7µF or
greater.
This
capacitor
must
be
placed
physically close to the IN pin. Since it reduces
the voltage ripple seen at IN, it also reduces the
amount of EMI passed back along that line to
the other circuitry.
Selecting the Output Capacitor
A single 1µF to 4.7µF ceramic capacitor usually
provides sufficient output capacitance for most
applications. The impedance of the ceramic
capacitor
at
the
switching
frequency
is
dominated by the capacitance, and so the
output voltage ripple is mostly independent of
the ESR. The output voltage ripple VRIPPLE is
calculated as:
(
)
SW
UT
O
IN
UT
O
LED
RIPPLE
f
2
C
V
V
V
I
V
×
×
−
=
Where VOUT is the output voltage, VIN is the
input voltage, ILED is the total LED current, C2 is
the capacitance of the output capacitor, and fSW
is the 1.2MHz switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com