Electronic Components Datasheet Search
  English  ▼

X  

1613607 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1613607
Description  ST-8EP1N8A9004S - Coupler connector
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1613607 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 1613607 Datasheet HTML 2Page - PHOENIX CONTACT 1613607 Datasheet HTML 3Page - PHOENIX CONTACT 1613607 Datasheet HTML 4Page - PHOENIX CONTACT 1613607 Datasheet HTML 5Page - PHOENIX CONTACT 1613607 Datasheet HTML 6Page - PHOENIX CONTACT 1613607 Datasheet HTML 7Page - PHOENIX CONTACT 1613607 Datasheet HTML 8Page - PHOENIX CONTACT 1613607 Datasheet HTML 9Page - PHOENIX CONTACT 1613607 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Diagram
0
5
10
15
20
0 10 20 30 40 50 60 70 80 90 100110
[°C]
= 3x1,0 + 2x0,5 mm2
120130
I = current strength, ϑ = ambient temperature, 3x 14 A + 2x 2 A constant
ST-8EP1N8A9004S - Coupler connector
1613607
https://www.phoenixcontact.com/us/products/1613607
Jun 13, 2024, 5:52 AM
Page 6 (18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com