Electronic Components Datasheet Search
  English  ▼

X  

MP1542 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1542
Description  700KHz/1.3MHz Boost Converter with a 2A Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1542 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1542 Datasheet HTML 1Page - Monolithic Power Systems MP1542 Datasheet HTML 2Page - Monolithic Power Systems MP1542 Datasheet HTML 3Page - Monolithic Power Systems MP1542 Datasheet HTML 4Page - Monolithic Power Systems MP1542 Datasheet HTML 5Page - Monolithic Power Systems MP1542 Datasheet HTML 6Page - Monolithic Power Systems MP1542 Datasheet HTML 7Page - Monolithic Power Systems MP1542 Datasheet HTML 8Page - Monolithic Power Systems MP1542 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP1542 – 700KHz/1.3MHz BOOST CONVERTER WITH A 2A SWITCH
MP1542 Rev. 1.3
www.MonolithicPower.com
5
9/7/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name Description
1
COMP Compensation Pin. Connect a capacitor and resistor in series to ground for loop stability.
2
FB
Feedback Input. Reference voltage is 1.25V. Connect a resistor divider to this pin.
3
EN
Regulator On/Off Control Input. A high input at EN turns on the converter, and a low input turns
it off. When not used, connect EN to the input source (through a 100kΩ pull-up resistor if VIN >
6V) for automatic startup. EN cannot be left floating.
4
GND
Ground.
5
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect the power
inductor and output rectifier to SW. SW can swing between GND and 25V.
6
IN
Input Supply Pin. IN must be locally bypassed.
7
FSEL
Frequency Select Pin. Tie to IN (through a 100kΩ resistor if VIN > 6V) for 1.3MHz operation or to
GND for 700KHz operation.
8
SS
Soft-Start Control Pin. Connect a soft-start capacitor to this pin. The soft-start capacitor is
charged with a constant current of 6µA.
OPERATION
The MP1542 uses a constant frequency, peak
current mode boost regulation architecture to
regulate the feedback voltage.
The
operation
of
the
MP1542
can
be
understood by referring to the block diagram of
Figure 1.
PWM
CONTROL
LOGIC
CURRENT
SENSE
AMP
OSCILLATOR
INTERNAL REGULATOR
AND ENABLE CIRCUITRY
--
+
GM
+
--
GND
FB
COMP
SS
1.25V
SW
IN
--
+
FSEL
EN
4
5
2
1
3
7
8
6
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com