Electronic Components Datasheet Search
  English  ▼

X  

MP1567 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1567
Description  1.2A Synchronous Rectified Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1567 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1567 Datasheet HTML 1Page - Monolithic Power Systems MP1567 Datasheet HTML 2Page - Monolithic Power Systems MP1567 Datasheet HTML 3Page - Monolithic Power Systems MP1567 Datasheet HTML 4Page - Monolithic Power Systems MP1567 Datasheet HTML 5Page - Monolithic Power Systems MP1567 Datasheet HTML 6Page - Monolithic Power Systems MP1567 Datasheet HTML 7Page - Monolithic Power Systems MP1567 Datasheet HTML 8Page - Monolithic Power Systems MP1567 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP1567 – 1.2A SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
MP1567 Rev. 2.3
www.MonolithicPower.com
3
1/3/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Error Amplifier
Voltage Gain
AVEA
400
V/V
Transconductance
GEA
300
µA/V
COMP Maximum Output Current
±30
µA
FB Regulation Voltage
VFB
875
905
935
mV
FB Input Bias Current
IFB
FB = 0.9V
–100
nA
Soft-Start
Soft-Start Current
ISS
2
µA
Output Switch On-Resistance
VIN = 5V
265
mΩ
Switch On Resistance
VIN = 3V
330
mΩ
VIN = 5V
220
mΩ
Synchronous Rectifier On Resistance
VIN = 3V
270
mΩ
Switch Current Limit (Source)
1.5
2.0
A
Synchronous Rectifier Current Limit (Sink)
350
mA
Thermal Shutdown
160
°C
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.3V, VOUT = 1.8V, TA = +25°C, unless otherwise noted.
MP1567-TPC01
Current Limit vs.
Duty Cycle
VOUT
50mV/div.
ILOAD
0.5A/div.
MP1567-TPC02
Load Transient
0.1A to 1A Load Step
VSS
1V/div.
VOUT
1V/div.
IIN
0.5A/div.
2ms/div.
MP1567-TPC03
VOUT
1V/div.
VSS
1mV/div.
IINDUCTOR
1A/div.
2ms/div.
MP1567-TPC04
Output Short Circuit
IOUT = 1.2A
VSW
2V/div.
IINDUCTOR
1A/div.
MP1567-TPC05
Steady State
2.5
2.0
1.5
1.0
0.5
0
0
20406080
DUTY CYCLE (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com