Electronic Components Datasheet Search
  English  ▼

X  

EV0033 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # EV0033
Description  1.2A Synchronous Rectified Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0033 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button EV0033 Datasheet HTML 3Page - Monolithic Power Systems EV0033 Datasheet HTML 4Page - Monolithic Power Systems EV0033 Datasheet HTML 5Page - Monolithic Power Systems EV0033 Datasheet HTML 6Page - Monolithic Power Systems EV0033 Datasheet HTML 7Page - Monolithic Power Systems EV0033 Datasheet HTML 8Page - Monolithic Power Systems EV0033 Datasheet HTML 9Page - Monolithic Power Systems EV0033 Datasheet HTML 10Page - Monolithic Power Systems EV0033 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP1567 – 1.2A SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
MP1567 Rev. 2.3
www.MonolithicPower.com
8
1/3/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
75KHz or lower to insure stable operation.
Lower crossover frequencies result in slower
response and worse transient load recovery.
Higher crossover frequencies degrade the
phase and/or gain margins and can result in
instability.
Choosing the Compensation Components
The values of the compensation components
given in Table 1 yield a stable control loop for
the output voltage and capacitor given.
Table 1—Compensation Values for Typical
Output Voltage/Capacitor Combinations
VOUT
C2
R3
C3
C4
1.8V
4.7µF Ceramic
3.3kΩ
2.2nF
None
2.5V
4.7µF Ceramic
5.1kΩ
1.5nF
None
3.3V
4.7µF Ceramic
6.8kΩ
1.2nF
None
1.8V
10µF Ceramic
7.5kΩ
1nF
None
2.5V
10µF Ceramic
10kΩ
820pF
None
3.3V
10µF Ceramic
10kΩ
820pF
None
1.8V
47µF Tantalum
(300mΩ)
10kΩ
2.2nF
1.5nF
2.5V
47µF Tantalum
(300mΩ)
10kΩ
3.3nF
1.5nF
3.3V
47µF Tantalum
(300mΩ)
10kΩ
4.7nF
1.5nF
To optimize the compensation components for
conditions not listed in Table 1, use the
following procedure.
Choose the compensation resistor to set the
desired crossover frequency. Determine the
value by the following equation:
FB
CS
EA
C
OUT
V
G
G
f
V
2
C
2
3
R
×
×
×
×
×
π
=
Putting in the known constants and setting the
crossover frequency to the desired 75KHz:
OUT
8
V
2
C
10
36
.
4
3
R
×
×
×
≈
In this case, the actual crossover frequency is
less than the desired 75KHz, and it is
calculated by:
OUT
FB
CS
EA
C
V
2
C
2
V
G
G
3
R
f
×
×
π
×
×
×
=
Choose the compensation capacitor to set the
zero to one fourth of the crossover frequency.
Determine the value by the following equation:
FB
CS
EA
2
OUT
V
G
G
3
R
V
2
C
4
3
C
×
×
×
×
×
=
Determine
if
the
second
compensation
capacitor, C4, is required. It is required if the
ESR zero of the output capacitor occurs at less
than four times the crossover frequency, or:
1
f
R
2
C
8
C
ESR
≥
×
×
×
π
Where RESR is the equivalent series resistance
of the output capacitor.
If this is the case, then add the second
compensation capacitor. Determine the value
by the equation:
3
R
R
2
C
4
C
)
MAX
(
ESR
×
=
Where RESR(MAX) is the maximum ESR of the
output capacitor.
For Example:
Given:
VOUT = 1.8V
C2 = 10µF Ceramic (ESR = 10mΩ max.)
Calculate:
Ω
=
×
µ
×
≈
k
85
.
7
)
V
8
.
1
(
)
F
10
(
10
36
.
4
3
R
8
(Use the nearest standard value of 7.5kΩ.)
nF
05
.
1
V
8
.
1
F
10
10
9
.
1
3
C
14
=
×
µ
×
=
−
(Use 1nF since it is a standard value.)
19
.
0
f
R
2
C
8
C
ESR
=
×
×
×
π
which is less than 1, therefore the second
compensation capacitor (C4) is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com