Electronic Components Datasheet Search
  English  ▼

X  

MP1580 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1580
Description  2A, 380 KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1580 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1580 Datasheet HTML 2Page - Monolithic Power Systems MP1580 Datasheet HTML 3Page - Monolithic Power Systems MP1580 Datasheet HTML 4Page - Monolithic Power Systems MP1580 Datasheet HTML 5Page - Monolithic Power Systems MP1580 Datasheet HTML 6Page - Monolithic Power Systems MP1580 Datasheet HTML 7Page - Monolithic Power Systems MP1580 Datasheet HTML 8Page - Monolithic Power Systems MP1580 Datasheet HTML 9Page - Monolithic Power Systems MP1580 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MP1580 – 2A, 380KHz STEP-DOWN CONVERTER
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP1580 Rev. 3.0
www.MonolithicPower.com
10
12/5/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
PACKAGE INFORMATION
SOIC8
NOTE:
1) Control dimension is in inches. Dimension in bracket is millimeters.
0.016(0.410)
0.050(1.270)
0o-8o
DETAIL "A"
0.011(0.280)
0.020(0.508)
x 45o
SEE DETAIL "A"
0.0075(0.191)
0.0098(0.249)
0.229(5.820)
0.244(6.200)
SEATING PLANE
0.001(0.030)
0.004(0.101)
0.189(4.800)
0.197(5.004)
0.053(1.350)
0.068(1.730)
0.049(1.250)
0.060(1.524)
0.150(3.810)
0.157(4.000)
PIN 1 IDENT.
0.050(1.270)BSC
0.013(0.330)
0.020(0.508)
PDIP8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com