Electronic Components Datasheet Search
  English  ▼

X  

RM180N60DF Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RM180N60DF
Description  N-Channel Super Trench Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM180N60DF Datasheet(HTML) 2 Page - Rectron Semiconductor

  RM180N60DF Datasheet HTML 1Page - Rectron Semiconductor RM180N60DF Datasheet HTML 2Page - Rectron Semiconductor RM180N60DF Datasheet HTML 3Page - Rectron Semiconductor RM180N60DF Datasheet HTML 4Page - Rectron Semiconductor RM180N60DF Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MOSFET ELECTRICAL CHARACTERISTICS(Ta=25
unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Type
Max
Unit
Static Characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250μA
60
-
-
V
Zero gate voltage drain current
IDSS
VDS =60V, VGS = 0V
-
-
1
μA
Gate-body leakage current
IGSS
VGS =
20V, VDS = 0V
-
-
±100
nA
Gate threshold voltage(3)
VGS(th)
VDS =VGS, ID =250μA
1.5
2.0
3.0
V
Drain-source on-resistance(3)
RDS(on)
VGS =10V, ID =20A
-
1.9
2.3
mΩ
VGS =4.5V, ID =10A
-
3.0
3.5
mΩ
Forward Threshold Voltage
gfs
VDS =5V, ID =20A
-
75
-
S
Dynamic characteristics
Input Capacitance
Ciss
VDS =25V, VGS =0V, f =100KHz
-
6052
-
pF
Output Capacitance
Coss
-
1470
-
Reverse Transfer Capacitance
Crss
-
185
-
Switching characteristics
Turn-on delay time
td(on)
VDD=30V, ID=25A,
VGS=10V, RG=2Ω
-21-
ns
Turn-on rise time
tr
-25-
Turn-off delay time
td(off)
-65-
Turn-off fall time
tf
-35-
Total Gate Charge
Qg
VDS=30V, ID=25A,
VGS=10V
-110
-
nC
Gate-Source Charge
Qgs
-
20
-
Gate-Drain Charge
Qgd
-
21
-
Reverse Recovery Chrage
Qrr
IF=20A,di/dt=100A/us
80
nC
Reverse Recovery Time
Trr
IF=20A,di/dt=100A/us
40
ns
Source-Drain Diode characteristics
Diode Forward voltage(3)
VDS
VGS =0V, IS=10A
-
-
1.3
V
Diode Forward current(4)
IS
-
-
150
A
Notes:
1. Repetitive Rating: pulse width limited by maximum junction temperature
2. EAS Condition:TJ=25
,VDD=48V,RG=25
,L=0.5Mh
3. Pulse Test: pulse width≤300μs, duty cycle≤2%
4. Surface Mounted on FR4 Board,t≤10 sec



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com