Electronic Components Datasheet Search
  English  ▼

X  

B130 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # B130
Description  3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

B130 Datasheet(HTML) 4 Page - Monolithic Power Systems

  B130 Datasheet HTML 1Page - Monolithic Power Systems B130 Datasheet HTML 2Page - Monolithic Power Systems B130 Datasheet HTML 3Page - Monolithic Power Systems B130 Datasheet HTML 4Page - Monolithic Power Systems B130 Datasheet HTML 5Page - Monolithic Power Systems B130 Datasheet HTML 6Page - Monolithic Power Systems B130 Datasheet HTML 7Page - Monolithic Power Systems B130 Datasheet HTML 8Page - Monolithic Power Systems B130 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP1570 – 3A, 23V, 340KHz SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP1570 Rev. 1.5
www.MonolithicPower.com
4
1/31/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PIN FUNCTIONS
Pin #
Name
Description
1
BS
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side N-Channel MOSFET
switch. Connect a 0.01µF or greater capacitor from SW to BS to power the high side switch.
2
IN
Power Input. IN supplies the power to the IC, as well as the step-down converter switches.
Drive IN with a 4.75V to 23V power source. Bypass IN to GND with a suitably large capacitor
to eliminate noise on the input to the IC. See Input Capacitor.
3
SW
Power Switching Output. SW is the switching node that supplies power to the output. Connect
the output LC filter from SW to the output load. Note that a capacitor is required from SW to
BS to power the high-side switch.
4
GND
Ground (Connect Exposed Pad to Pin 4)
5
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage. The feedback threshold is 1.230V. See
Setting the Output Voltage
.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop. Connect a
series RC network from COMP to GND to compensate the regulation control loop. In some
cases, an additional capacitor from COMP to GND is required. See Compensation
Components.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on
the regulator, drive it low to turn it off. Pull up with 100kΩ resistor for automatic startup.
8
SS
Soft-start Control Input. SS controls the soft-start period. Connect a capacitor from SS to GND
to set the soft-start period. A 0.1µF capacitor sets the soft-start period to 20ms. To disable the
soft-start feature, leave SS unconnected.
BLOCK DIAGRAM
MP1570_BD01
LOCKOUT
COMPARATOR
INTERNAL
REGULATORS
IN
EN
+
ERROR
AMPLIFIER
1.2V
OVP
RAMP
CLK
1.23V
0.3V
CURRENT
COMPARATOR
CURRENT
SENSE
AMPLIFIER
1.5V
SHUTDOWN
COMPARATOR
7
COMP 6
SS 8
FB 5
GND
4
OSCILLATOR
100/340KHz
S
R
Q
SW
3
BS
1
IN
5V
2
OVP
IN < 4.05V
EN OK
+
Q
LATCH
+
+
1.5V
+
+
2.5V
+
+
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com