Electronic Components Datasheet Search
  English  ▼

X  

MP1570DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1570DN
Description  3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1570DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1570DN Datasheet HTML 1Page - Monolithic Power Systems MP1570DN Datasheet HTML 2Page - Monolithic Power Systems MP1570DN Datasheet HTML 3Page - Monolithic Power Systems MP1570DN Datasheet HTML 4Page - Monolithic Power Systems MP1570DN Datasheet HTML 5Page - Monolithic Power Systems MP1570DN Datasheet HTML 6Page - Monolithic Power Systems MP1570DN Datasheet HTML 7Page - Monolithic Power Systems MP1570DN Datasheet HTML 8Page - Monolithic Power Systems MP1570DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP1570 – 3A, 23V, 340KHz SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP1570 Rev. 1.5
www.MonolithicPower.com
3
1/31/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
EN Lockout Threshold Voltage
2.2
2.5
2.7
V
EN Lockout Hysteresis
210
mV
Input Under Voltage Lockout
Threshold
VIN Rising
3.80
4.05
4.30
V
Input Under Voltage Lockout
Threshold Hysteresis
210
mV
Soft-Start Current
VSS = 0V
6
µA
Soft-Start Period
CSS = 0.1µF
20
ms
Thermal Shutdown
(4)
160
°C
Note:
4) Guaranteed by design, not tested.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, TA = +25°C, unless otherwise noted.
VOUT
1V/div.
IL
1A/div.
IL
1A/div.
VOUT
10mV/div.
VSW
10V/div.
VIN
100mV/div.
MP1570-TPC03
VOUT
50mV/div.
IL
1A/div.
VOUT
1V/div.
IL
1A/div.
4ms/div.
MP1570-TPC01
Load Transient
Waveforms
1A - 2A STEP
MP1570-TPC04
MP1570-TPC02



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com