Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 17Page - Exar Corporation XRT86VL34 Datasheet HTML 18Page - Exar Corporation XRT86VL34 Datasheet HTML 19Page - Exar Corporation XRT86VL34 Datasheet HTML 20Page - Exar Corporation XRT86VL34 Datasheet HTML 21Page - Exar Corporation XRT86VL34 Datasheet HTML 22Page - Exar Corporation XRT86VL34 Datasheet HTML 23Page - Exar Corporation XRT86VL34 Datasheet HTML 24Page - Exar Corporation XRT86VL34 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 175 page
background image
XRT86VL34
16
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
0
FAS Frame Align
Sel
R/W
0
FAS Alignment Declaration Algorithm Select
This bit specifies which algorithm the Receive E1 Framer block uses in its
search for the FAS Alignment.
0 = Selects the FAS Alignment Algorithm 1
1 = Selects the FAS Alignment Algorithm 2
FAS Alignment Algorithm 1
If the Receive E1 Framer block has been configured to use “FAS Alignment
Algorithm # 1", then it will acquire FAS alignment by performing the follow-
ing three steps:
Step 1 - The Receive E1 Framer block begins by searching for the correct
7-bit FAS pattern. Go to Step 2 if found.
Step 2 - Check if the FAS is absent in the following frame by verifying that
bit 2 of the assumed timeslot 0 of the Non-FAS frame is a one. Go back to
Step 1 if failed, otherwise, go to step 3.
Step 3 - Check if the FAS is present in the assumed timeslot 0 of the third
frame. Go back to Step 1 if failed.
After the first three steps (if they all passed), the Receive E1 Framer Block
will declare FAS in SYNC if Frame Check Sequence (Bit 1 of this register) is
disabled. If Frame Check Sequence (Bit 1 of this register) is enabled, then
the Receive E1 Framer Block will need to verify the correct frame alignment
for an additional two frames.
FAS Alignment Algorithm 2
If the Receive E1 Framer block has been configured to support “FAS Align-
ment Algorithm # 2, then it will perform the following 3 steps in order to
acquire and declare FAS Frame Alignment with the incoming E1 data-
stream. Algorithm 2 is similar to Algorithm 1 but adds a one-frame hold off
time after the second step fails. After the second step fails, it waits for the
next assumed FAS in the next frame before it begins the new search for the
correct FAS pattern.
Step 1 - Algorithm 1 begins by searching for the correct 7-bit FAS pattern.
Go to Step 2 if found.
Step 2 - Check if the FAS is absent in the following frame by verifying that
bit 2 of the assumed timeslot 0 of the Non-FAS frame is a one. Go back to
Step 4 if failed, otherwise, go to step 3.
Step 3 - Check if the FAS is present in the assumed timeslot 0 of the third
frame. Go back to Step 1 if failed, otherwise, proceed to check for Frame
Check Sequence.
Step 4 - Wait for assumed FAS in the next frame, then go back to Step 1
After the first three steps (if they all passed), the Receive E1 Framer Block
will declare FAS in SYNC if Frame Check Sequence (Bit 1 of this register) is
disabled. If Frame Check Sequence (Bit 1 of this register) is enabled, then
the Receive E1 Framer Block will need to verify the correct frame alignment
for an additional two frames.
TABLE 3: FRAMING SELECT REGISTER (FSR)
HEX ADDRESS: 0Xn107
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com