Electronic Components Datasheet Search
  English  ▼

X  

B220 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # B220
Description  2A, 32V, 330KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

B220 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button B220 Datasheet HTML 3Page - Monolithic Power Systems B220 Datasheet HTML 4Page - Monolithic Power Systems B220 Datasheet HTML 5Page - Monolithic Power Systems B220 Datasheet HTML 6Page - Monolithic Power Systems B220 Datasheet HTML 7Page - Monolithic Power Systems B220 Datasheet HTML 8Page - Monolithic Power Systems B220 Datasheet HTML 9Page - Monolithic Power Systems B220 Datasheet HTML 10Page - Monolithic Power Systems B220 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP1591 – 2A, 32V, 330KHz STEP-DOWN CONVERTER
MP1591 Rev. 2.3
www.MonolithicPower.com
8
9/27/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
To optimize the compensation components that
are not listed in Table 4, use the following
procedure.
Choose the compensation resistor to set the
desired crossover frequency. Determine the
value by the following equation:
REF
CS
EA
C
OUT
V
G
G
f
V
5
C
2
3
R
×
×
×
×
×
π
=
Putting in the know constants and setting the
crossover frequency to the desired 33KHz:
OUT
7
V
5
C
10
88
.
6
3
R
×
×
×
≅
Choose the compensation capacitor to set the
zero below one fourth of the crossover
frequency. Determine the value by the following
equation:
3
R
10
93
.
1
f
3
R
2
4
C
5
C
−
×
≈
×
×
π
>
Determine
if
the
second
compensation
capacitor, C3, is required. It is required if the
ESR zero of the output capacitor occurs at less
than four times the crossover frequency, or
1
f
R
5
C
8
C
ESR
≥
×
×
×
π
If this is the case, then add the second
compensation resistor. Determine the value by
the equation:
3
R
R
5
C
3
C
)
MAX
(
ESR
×
=
Where RESR(MAX) is the maximum ESR of the
output capacitor.
Example:
VOUT = 5V, C5 = 22µF Ceramic (ESR = 10mΩ)
R3 ≈ 6.88x107 (22x10-6) (5) = 7568Ω
Use the nearest standard value of 7.5kΩ.
C4 > 1.93x10-5 / 7.5K = 2.57nF
Use standard value of 2.7nF.
8π x C5 x RESR x fC = 0.22, which is less than 1.
Therefore, no second compensation capacitor
(C3) is required.
External Bootstrap Diode
It is recommended that an external bootstrap
diode be added when the system has a 5V
fixed input or the power supply generates a 5V
output. This helps improve the efficiency of the
regulator. The bootstrap diode can be a low
cost one such as IN4148 or BAT54.
MP1591
SW
BS
3
1
10nF
5V
Figure 2—External Bootstrap Diode
This diode is also recommended for high duty
cycle operation (when
IN
OUT
V
V
>65%) and high
output voltage (VOUT>12V) applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com