Electronic Components Datasheet Search
  English  ▼

X  

MP2101DQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2101DQ
Description  1.6MHz Synchronous Step-Down plus 200mA LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2101DQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2101DQ Datasheet HTML 1Page - Monolithic Power Systems MP2101DQ Datasheet HTML 2Page - Monolithic Power Systems MP2101DQ Datasheet HTML 3Page - Monolithic Power Systems MP2101DQ Datasheet HTML 4Page - Monolithic Power Systems MP2101DQ Datasheet HTML 5Page - Monolithic Power Systems MP2101DQ Datasheet HTML 6Page - Monolithic Power Systems MP2101DQ Datasheet HTML 7Page - Monolithic Power Systems MP2101DQ Datasheet HTML 8Page - Monolithic Power Systems MP2101DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP2101 – 1.6MHz SYNCHRONOUS STEP-DOWN PLUS 200mA LDO
MP2101 Rev. 1.0
www.MonolithicPower.com
2
8/18/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
TOP VIEW
FB1
EN1
IN1
SW1
GND
1
2
3
4
5
FB2
EN2
PWROK
OUT2
IN2
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
Part Number*
Package
Temperature
MP2101DQ
QFN10
(3mm x 3mm)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2101DQ–Z)
For RoHS compliant packaging, add suffix –LF (eg.
MP2101DQ–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
IN1, OUT1/2 to GND ................. –0.3V to + 6.5V
IN2 to GND ......................... –0.3V to VIN1 + 0.3V
SW1 to GND....................... –0.3V to VIN1 + 0.3V
PWROK to GND ......................... –0.3V to +6.5V
FB1/2, EN1/2 to GND ................. –0.3V to +6.5V
Operating Temperature .............–40°C to +85°C
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature .............–65°C to +150°C
Recommended Operating Conditions
(2)
Supply Voltage VIN1 ........................... 2.5V to 6V
Supply Voltage VIN2 ..........................1.2V to VIN1
Output Voltage VOUT1/2 ....................... 0.6V to 6V
Operating Temperature .............–40°C to +85°C
Thermal Resistance
(3)
θJA
θJC
QFN10 (3mm x 3mm)............. 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS (4)
VIN1/2 = VEN1/2 = 3.6V, TA = +25°C, unless otherwise noted.
Parameters
Condition
Min
Typ
Max
Units
VFB1/2 = 0.62V
400
550
µA
VEN1 = 0V, VEN2 = 3.6V
80
100
µA
No Load Supply Current
VEN1 = 3.6V, VEN2 = 0V
300
400
µA
Shutdown Current
VEN1/2 = 0V, VIN1/2 = 6V
0.01
1
µA
Thermal Shutdown Trip Threshold
Hysteresis = 20°C
150
°C
PWROK Upper-Trip Threshold
FB1/2 with respect to the Nominal Value
10
%
PWROK Lower-Trip Threshold
FB1/2 with respect to the Nominal Value
–10
%
PWROK Output Lower Voltage
ISINK = 5mA
0.3
V
PWROK Deglitch Timer (FB1)
Switching Regulator
50
PWROK Deglitch Timer (FB2)
LDO
150
µs
EN1/2 Trip Threshold
–40°C ≤ TA ≤ +85°C
0.3
0.96
1.5
V
EN1/2 Pull-Down Resistor
900
kΩ
Switching Regulator
IN1 Under Voltage Lockout Threshold Rising Edge
1.5
2.0
2.5
V
IN1 Under Voltage Lockout Hysteresis
100
mV
TA = +25°C
0.588 0.600 0.612
Regulated FB1Voltage
–40°C ≤ TA ≤ +85°C
0.582
0.618
V
FB1 Input Bias Current
VFB1 = 0.62V
–50
–2
+50
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com