Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL38 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT86VL38
Description  OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL38 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT86VL38 Datasheet HTML 9Page - Exar Corporation XRT86VL38 Datasheet HTML 10Page - Exar Corporation XRT86VL38 Datasheet HTML 11Page - Exar Corporation XRT86VL38 Datasheet HTML 12Page - Exar Corporation XRT86VL38 Datasheet HTML 13Page - Exar Corporation XRT86VL38 Datasheet HTML 14Page - Exar Corporation XRT86VL38 Datasheet HTML 15Page - Exar Corporation XRT86VL38 Datasheet HTML 16Page - Exar Corporation XRT86VL38 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 183 page
background image
XRT86VL38
8
REV. V1.2.1
OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
Receive Channel Control Register 0-31
RCCR 0-31
0xn360 -
0xn37F
Receive User Code Register 0-31
RUCR 0-31
0xn380 -
0xn39F
Receive Signaling Control Register 0-31
RSCR 0-31
0xn3A0 -
0xn3BF
Receive Substitution Signaling Register 0-31
RSSR 0-31
0xn3C0 -
0xn3DF
Receive Signaling Array (0xn500 - 0xn51F)
Receive Signaling Array Register 0
RSAR0-31
0xn500 -
0xn51F
LAPDn Buffer 0
LAPD Buffer 0 Control Register
LAPDBCR0
0xn600 -
0xn660
LAPDn Buffer 1
LAPD Buffer 1 Control Register
LAPDBCR1
0xn700 -
0xn760
Performance Monitor
Receive Line Code Violation Counter: MSB
RLCVCU
0xn900
Receive Line Code Violation Counter: LSB
RLCVCL
0xn901
Receive Frame Alignment Error Counter: MSB
RFAECU
0xn902
Receive Frame Alignment Error Counter: LSB
RFAECL
0xn903
Receive Severely Errored Frame Counter
RSEFC
0xn904
Receive Synchronization Bit (CRC-6 (T1) CRC-4 (E1) Block) Error
Counter: MSB
RSBBECU
0xn905
Receive Synchronization Bit (CRC-6 (T1) CRC-4 (E1) Block) Error
Counter: LSB
RSBBECL
0xn906
Receive Far-End Block Error Counter: MSB
RFEBECU
0xn907
Receive Far-End Block Error Counter: LSB
RFEBECL
0xn908
Receive Slip Counter
RSC
0xn909
Receive Loss of Frame Counter
RLFC
0xn90A
Receive Change of Frame Alignment Counter
RCFAC
0xn90B
LAPD Frame Check Sequence Error counter 1
LFCSEC1
0xn90C
PRBS bit Error Counter: MSB
PBECU
0xn90D
PRBS bit Error Counter: LSB
PBECL
0xn90E
Transmit Slip Counter
TSC
0xn90F
TABLE 1: REGISTER SUMMARY
FUNCTION
SYMBOL
HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com