Electronic Components Datasheet Search
  English  ▼

X  

MP2106 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2106
Description  1.5A, 15V, 800KHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2106 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2106 Datasheet HTML 3Page - Monolithic Power Systems MP2106 Datasheet HTML 4Page - Monolithic Power Systems MP2106 Datasheet HTML 5Page - Monolithic Power Systems MP2106 Datasheet HTML 6Page - Monolithic Power Systems MP2106 Datasheet HTML 7Page - Monolithic Power Systems MP2106 Datasheet HTML 8Page - Monolithic Power Systems MP2106 Datasheet HTML 9Page - Monolithic Power Systems MP2106 Datasheet HTML 10Page - Monolithic Power Systems MP2106 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP2106 – 1.5A, 15V, 800KHz SYNCHRONOUS BUCK CONVERTER
MP2106 Rev. 1.6
www.MonolithicPower.com
9
2/22/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
Choose the compensation resistor to set the
desired crossover frequency. Determine the
value by the following equation:
FB
CS
EA
C
OUT
V
G
G
f
V
2
C
2
3
R
×
×
×
×
×
π
=
Where fC is the desired crossover frequency
(preferably 33KHz).
Choose the compensation capacitor to set the
zero below one fourth of the crossover
frequency. Determine the value by the following
equation:
C
f
3
R
2
3
C
×
×
π
>
Determine
if
the
second
compensation
capacitor, C4 is required. It is required if the
ESR zero of the output capacitor happens at
less than half of the switching frequency. Or:
1
f
R
2
C
SW
ESR
>
×
×
×
π
If this is the case, then add the second
compensation capacitor.
Determine the value by the equation:
3
R
R
2
C
4
C
(max)
ESR
×
=
Where RESR(MAX) is the maximum ESR of the
output capacitor.
External Boost Diode
For input voltages less than or equal to 5V, it is
recommended that an external boost diode be
added. This will help improve the regulator
efficiency. The diode can be a low cost diode
such as an IN4148 or BAT54.
MP2106
LX
BST
5V
8
6
BOOST
DIODE
10nF
MP2106_F03
Figure 3—External Boost Diode
This diode is also recommended for high duty
cycle operation (when
IN
OUT
V
V
>65%) and high
output
voltage
(VOUT>12V)
applications.
However, do not exceed the absolute maximum
voltage for these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com