Electronic Components Datasheet Search
  English  ▼

X  

546166 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 546166
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

546166 Datasheet(HTML) 1 Page - Festo Corporation.

  546166 Datasheet HTML 1Page - Festo Corporation. 546166 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VZWM-L-M22C-G1-F5-R1
Part number: 546166
General operating condition
Data sheet
Feature
Value
Structural design
Diaphragm valve
servo-controlled
Actuation type
Electrical
Sealing principle
Soft
Mounting position
Preferably upright
Type of mounting
Line installation
Fitting connection
G1
Electrical connection
Solenoid coil type MH-... , coil can be ordered as an accessory
Nominal width
25 mm
Valve function
2/2, closed, monostable
Flow direction
Non-reversible
Medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Water
Neutral liquids
Medium pressure of liquid media
0.5 bar ... 6 bar
Medium pressure of gaseous media
0.5 bar ... 10 bar
Differential pressure
0.5 bar
Type of control
Pilot-controlled
Symbol
00995681
Max. viscosity
22 mm²/s
Temperature of medium
-10 °C ... 60 °C
Temperature of liquid media
5 °C ... 50 °C
Ambient temperature
-10 °C ... 60 °C
Flow rate Kv
10.7 m³/h
Standard nominal flow rate
11700 l/min
On switching time
15 ms
Response time "on" for liquid media
300 ms
Switching time off
12 ms
Response time "off" for liquid media
950 ms
7/8/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 546166

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
546160 FESTO-546160 Datasheet
99Kb / 2P
Air solenoid valve
546161 FESTO-546161 Datasheet
99Kb / 2P
Air solenoid valve
546162 FESTO-546162 Datasheet
95Kb / 2P
Air solenoid valve
546163 FESTO-546163 Datasheet
96Kb / 2P
Air solenoid valve
546164 FESTO-546164 Datasheet
94Kb / 2P
Air solenoid valve
More results

Similar Description - 546166

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com